Electronic Components Datasheet Search
  English  ▼

X  

AD9891 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9891 Datasheet HTML 32Page - Analog Devices AD9891 Datasheet HTML 33Page - Analog Devices AD9891 Datasheet HTML 34Page - Analog Devices AD9891 Datasheet HTML 35Page - Analog Devices AD9891 Datasheet HTML 36Page - Analog Devices AD9891 Datasheet HTML 37Page - Analog Devices AD9891 Datasheet HTML 38Page - Analog Devices AD9891 Datasheet HTML 39Page - Analog Devices AD9891 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
REV. A
–36–
AD9891/AD9895
Table XVI. Power-Down Mode Operation
I/O Block
OUT_CONT== LOW
1
Power-Down 1
1
Power-Down 2
1, 2
Power-Down 3
1, 3, 4
AFE
ON
OFF
OFF
OFF
Timing Core
ON
ON
OFF
OFF
CLO
Oscillator
ON
ON
ON
OFF
V1
LOW
LOW
LOW
LOW
V2
LOW
LOW
LOW
LOW
V3
HIGH
HIGH
HIGH
LOW
V4
HIGH
HIGH
HIGH
LOW
VSG1
HIGH
HIGH
HIGH
LOW
VSG2
HIGH
HIGH
HIGH
LOW
VSG3
HIGH
HIGH
HIGH
LOW
VSG4
HIGH
HIGH
HIGH
LOW
VSG5
HIGH
HIGH
HIGH
LOW
VSG6
HIGH
HIGH
HIGH
LOW
VSG7
HIGH
HIGH
HIGH
LOW
VSG8
HIGH
HIGH
HIGH
LOW
SUBCK
HIGH
HIGH
HIGH
LOW
VSUB
LOW
LOW
LOW
LOW
MSHUT
LOW
LOW
LOW
LOW
STROBE
LOW
LOW
LOW
LOW
H1
LOW
LOW
LOW (3.5 mA)
Hi-Z
H2
HIGH
HIGH
HIGH (3.5 mA)
Hi-Z
H3
LOW
LOW
LOW (3.5 mA)
Hi-Z
H4
HIGH
HIGH
HIGH (3.5 mA)
Hi-Z
RG
LOW
LOW
LOW (3.5 mA)
Hi-Z
LD/FD
LOW
LOW
LOW
LOW
CLPOB/
HIGH
HIGH
HIGH
LOW
PBLK
VD
vdhdpol
running
vdhdpol
LOW
HD
vdhdpol
running
vdhdpol
LOW
DCLK
LOW
running
LOW
LOW
CLO
running
running
running
HIGH
DOUT
LOW
LOW
LOW
LOW
NOTES
1First column represents the defaults when OUT_CONT==LO (OUT_CONT takes precedence). Power-Down 1, 2, and 3 are direct decodes of the OPRMODE
Register Bits [1:0]. These polarities assume OUT_CONT==HI.
2Power-Down 2 will set H[1,2,3,4]DRV and RGDRV to 3’h1 (3.5 mA). Power-Down 3 will three-state the H and RG clocks (set H[1,2,3,4]DRV and RGDRV to 3’h0).
3Both the Timing Core and the CLO Oscillator will be powered down in Power-Down 3.
4To exit Power-Down 3, first write a 2’b00 to OPRMODE[1:0] (will wake up the oscillator and the timing core), then reset the timing core after ~500
µs to guarantee lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com