Electronic Components Datasheet Search
  English  ▼

X  

MFC2000 Datasheet(PDF) 292 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 292 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 288Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 289Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 290Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 291Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 292Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 293Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 294Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 295Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 296Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
15-12
Conexant
100723A
15.3 SASIF Timing
15.3.1 SASSCLK Timing
When SASSCLK is on (Figure 15-2), the duty cycle of SASSCLK is always 50%.
Tserd
Tserd
Tserd
Tserd applies to SASSCLK, SASTXD, and
SASRXD
when they are in output configuration
AUXCLK
SASSCLK
SASTXD
SASRXD
Figure 15-2. SASSCLK Timing Diagram
In Figure 15-2, TSERd is the AUXCLK to SASSCLK, SASRXD and SASTXD delay. TSERd applies to SASSCLK,
SASTXD, and SASRXD when they are in output configuration.
The SASSCLK polarity is controlled by the SAS Command Register SASSCLKPol Bit. When the SASSCLKPol bit
is cleared (default), the SASTXD signal transition is on the SASSCLK falling edge. External logic can latch the
SASTXD signal on the SASSCLK rising edge. When the SASSCLKPol bit is set, the SASTXD signal transition is
on the rising edge of the SASSCLK. External logic can latch the SASTXD signal on the SASSCLK falling edge.
When configured in the SyncMode, the SASSCLK will be active for eight cycles for each write to the empty
SASData Register. Continuous SASSCLK can be achieved by keeping the transmit buffer register full. When
there is no data on the SASTXD pin, the SASSCLK will stay in idle state, which is logic zero as the SASSCLKPol
bit is clear and logic one as the SASSCLKPol bit is set. When configured in the AsyncMode, the SASSCLK is a
free running signal at the SASSCLKDivisor pre-defined clock rate.
15.3.2 Synchronous Mode Timing
When the SASIF is configured to the SyncMode, the SASIF generates the SASSCLK signal to synchronize data
transmit and receive. Therefore, only the transmitter related status bit and IRQ signals are used, and the
RxBufFull status bit and the RxBufIRQ signal are not used.
15.3.2.1 FIFOs Disabled
The TxBufEmpty and TxShfEmpty status bits are both set on system reset. When the FIFOs are disabled and
both the TxBuffer and TxShift Register are empty, writing to the SASData Register will clear the TxShfEmpty
status bit, and will fill the TxShift Register with the TxBuffer Register content.
When the TxBuffer is empty and the TxShift Register is non-empty, writing to the TxBuffer Register will clear the
TxBufEmpty status bit, and the TxShift Register is unaffected.
When the TxBuffer is full and the TxShift Register is empty, the TxBuffer Register value will be loaded into the
TxShift Register. The TxBufEmpty status bit will be set, and the TxShfEmpty flag is unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com