Electronic Components Datasheet Search
  English  ▼

X  

MFC2000 Datasheet(PDF) 353 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 353 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 349Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 350Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 351Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 352Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 353Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 354Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 355Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 356Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 357Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
19-3
Bit 3:
SSCLKPol 1, Read/Write bit.
This bit controls the polarity of the SSCLK1 pin. The default value is
zero. When the SSMode1 is configured at the IOMode1, the
SSCLKPol1 bit will not affect the SSCLK1 pin value.
Bit 2:
SSCLKPhas1, Read/Write bit.
The default value is zero.
SSCLKPol1
SSCLKPhas1
Description (used for both master and slave modes)
00
Enable the external logic to clock the SSTXD1 pin on the rising edge of the SSCLK1 pin. The SSCLK1
pin’s first transition will be in the middle of the first bit.
0
1
Enable the external logic to clock the SSTXD1 pin on the falling edge of the SSCLK1 pin. The
SSCLK1 pin’s first transition will occur at the beginning of the first bit.
1
0
Enable the external logic to clock the SSTXD1 pin on the falling edge of the SSCLK1 pin. The
SSCLK1 pin’s first transition will be in the middle of the first bit.
1
1
Enable the external logic to clock the SSTXD1 pin on the rising edge of the SSCLK1 pin. The SSCLK1
pin’s first transition will occur at the beginning of the first bit.
MSB
6
5
4
3
2
1
LSB
SSCLK1
(SSCLKPol1=0,
SSCLKPhas1=0)
SSCLK1
(SSCLKPol1=0,
SSCLKPhas1=1)
SSCLK1
(SSCLKPol1=1,
SSCLKPhas1=0)
SSCLK1
(SSCLKPol1=1,
SSCLKPhas1=1)
SSTXD1
Internal strobe for
data capture(all modes)
Figure 19-2. SSCLK1 Diagram
Note: SSCLK1 is used to synchronize the movement of data both in and out of device through
SSRXD1 and SSTXD1 pins. The master and slave devices are capable of exchanging a data
byte of information during a sequence of eight clock pulses. Both master and slave devices must
be operated in the same timing mode as controlled by SSCLKPol1 and SSCLKPhas1 signals.
Bit 0:
Mode11, Read/Write bit.
This bit controls the SSIF1 master/slave modes.
0: Master (default)
1: Slave
When in the Master Mode, the SSCLK1 pin is configured as an output
pin. When in the Slave Mode, SSCLK1 signal is an input to the SSIF1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com