Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 36 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 36 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 32Page - Texas Instruments PCI7510 Datasheet HTML 33Page - Texas Instruments PCI7510 Datasheet HTML 34Page - Texas Instruments PCI7510 Datasheet HTML 35Page - Texas Instruments PCI7510 Datasheet HTML 36Page - Texas Instruments PCI7510 Datasheet HTML 37Page - Texas Instruments PCI7510 Datasheet HTML 38Page - Texas Instruments PCI7510 Datasheet HTML 39Page - Texas Instruments PCI7510 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 234 page
background image
2–17
Table 2–12. 16-Bit PC Card Interface Control Terminals (Continued)
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
I/O
DESCRIPTION
VS1
VS2
181
167
B10
F12
I/O
Voltage sense 1 and voltage sense 2. VS1 and VS2, when used in conjunction with each other, determine
the operating voltage of the PC Card.
WAIT
183
E10
I
Bus cycle wait. WAIT is driven by a 16-bit PC Card to extend the completion of the memory or I/O cycle in
progress.
WE
156
D19
O
Write enable. WE is used to strobe memory write data into 16-bit memory PC Cards. WE is also used for
memory PC Cards that employ programmable memory technologies.
WP
(IOIS16)
186
B09
I
Write protect. WP applies to 16-bit memory PC Cards. WP reflects the status of the write-protect switch on
16-bit memory PC Cards. For 16-bit I/O cards, WP is used for the 16-bit port (IOIS16) function.
I/O is 16 bits. IOIS16 applies to 16-bit I/O PC Cards. IOIS16 is asserted by the 16-bit PC Card when the
address on the bus corresponds to an address to which the 16-bit PC Card responds, and the I/O port that
is addressed is capable of 16-bit accesses.
Table 2–13. CardBus PC Card Interface System Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
I/O
DESCRIPTION
CCLK
158
C15
O
CardBus clock. CCLK provides synchronous timing for all transactions on the CardBus interface. All
signals except CRST, CCLKRUN, CINT, CSTSCHG, CAUDIO, CCD2, CCD1, CVS2, and CVS1 are
sampled on the rising edge of CCLK, and all timing parameters are defined with the rising edge of this
signal. CCLK operates at the PCI bus clock frequency, but it can be stopped in the low state or slowed
down for power savings.
CCLKRUN
186
B09
I/O
CardBus clock run. CCLKRUN is used by a CardBus PC Card to request an increase in the CCLK
frequency, and by the PCI7510 device to indicate that the CCLK frequency is going to be decreased.
CRST
169
B13
O
CardBus reset. CRST brings CardBus PC Card-specific registers, sequencers, and signals to a known
state. When CRST is asserted, all CardBus PC Card signals are placed in a high-impedance state, and
the PCI7510 device drives these signals to a valid logic level. Assertion can be asynchronous to CCLK,
but deassertion must be synchronous to CCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com