Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 23 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 19Page - Texas Instruments PCI7510 Datasheet HTML 20Page - Texas Instruments PCI7510 Datasheet HTML 21Page - Texas Instruments PCI7510 Datasheet HTML 22Page - Texas Instruments PCI7510 Datasheet HTML 23Page - Texas Instruments PCI7510 Datasheet HTML 24Page - Texas Instruments PCI7510 Datasheet HTML 25Page - Texas Instruments PCI7510 Datasheet HTML 26Page - Texas Instruments PCI7510 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 234 page
background image
2–4
Table 2–1. Signal Names by PDV Terminal Number (Continued)
TERM
SIGNAL NAME
TERM
SIGNAL NAME
TERM
SIGNAL NAME
TERM.
NO.
CardBus
PC Card
16-Bit
PC Card
TERM.
NO.
CardBus
PC Card
16-Bit
PC Card
TERM.
NO.
CardBus PC
Card
16-Bit
PC Card
115
RSVD
RSVD
147
CAD14
A9
179
CAD26
A0
116
RSVD
RSVD
148
CAD16
A17
180
GND
GND
117
RSVD
RSVD
149
CC/BE1
A8
181
CVS1
VS1
118
SC_GPIO5
SC_GPIO5
150
CRSVD
A18
182
CINT
READY(IREQ)
119
RSVD
RSVD
151
VCC
VCC
183
CSERR
WAIT
120
SC_GPIO6
SC_GPIO6
152
CPAR
A13
184
CAUDIO
BVD2(SPKR)
121
SC_GPIO1
SC_GPIO1
153
CBLOCK
A19
185
CSTSCHG
BVD1(STSCHG/RI)
122
SC_GPIO0
SC_GPIO0
154
CPERR
A14
186
CCLKRUN
WP(IOIS1)
123
VCC
VCC
155
CSTOP
A20
187
CCD2
CD2
124
VR_PORT
VR_PORT
156
CGNT
WE
188
CAD27
D0
125
CCD1
CD1
157
CDEVSEL
A21
189
CAD28
D8
126
CAD0
D3
158
CCLK
A16
190
VCC
VCC
127
CAD2
D11
159
CTRDY
A22
191
CAD29
D1
128
GND
GND
160
CIRDY
A15
192
CAD30
D9
129
CAD1
D4
161
CFRAME
A23
193
CRSVD
D2
130
CAD4
D12
162
GND
GND
194
CAD31
D10
131
CAD3
D5
163
CC/BE2
A12
195
GND
GND
132
CAD6
D13
164
CAD17
A24
196
SC_CD
SC_CD
133
CAD5
D6
165
CAD18
A7
197
SC_RST
SC_RST
134
CRSVD
D14
166
CAD19
A25
198
SC_CLK
SC_CLK
135
CAD7
D7
167
CVS2
VS2
199
SC_DATA
SC_DATA
136
CAD8
D15
168
CAD20
A6
200
SC_GPIO3
SC_GPIO3
137
CC/BE0
CE1
169
CRST
RESET
201
SC_GPIO2
SC_GPIO2
138
VCC
VCC
170
VCC
VCC
202
SC_GPIO4
SC_GPIO4
139
CAD9
A10
171
CAD21
A5
203
VCC
VCC
140
CAD10
CE2
172
CAD22
A4
204
CLK_48
CLK_48
141
CAD11
OE
173
CREQ
INPACK
205
VD0/VCCD1
VD0/VCCD1
142
CAD12
A11
174
CAD23
A3
206
VD1/VCCD0
VD1/VCCD0
143
GND
GND
175
VCCCB
VCCCB
207
VD2/VPPD1
VD2/VPPD1
144
CAD13
IORD
176
CC/BE3
REG
208
VD3/VPPD0
VD3/VPPD0
145
CAD15
IOWR
177
CAD24
A2
146
VCCCB
VCCCB
178
CAD25
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com