Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 40 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 40 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 36Page - Texas Instruments PCI7510 Datasheet HTML 37Page - Texas Instruments PCI7510 Datasheet HTML 38Page - Texas Instruments PCI7510 Datasheet HTML 39Page - Texas Instruments PCI7510 Datasheet HTML 40Page - Texas Instruments PCI7510 Datasheet HTML 41Page - Texas Instruments PCI7510 Datasheet HTML 42Page - Texas Instruments PCI7510 Datasheet HTML 43Page - Texas Instruments PCI7510 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 234 page
background image
2–21
Table 2–18 provides the signal descriptions for the Smart Card dedicated socket signals.
Table 2–18. Smart Card Dedicated Socket Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
I/O
DESCRIPTION
SC_CD
196
B07
I/O
Smart Card detection
SC_CLK
198
F07
O
Smart Card clock. The PCI7510 drives a 4-MHz to 16-MHz clock to the Smart Card interface
when enabled.
SC_DATA
199
A06
I/O
Smart Card data line
SC_GPIO0
122
M19
I/O
Smart Card general-purpose I/O terminal. This signal can be controlled by firmware and is
used as a control signal for an external Smart Card interface chip or level shifter.
SC_GPIO1
121
M18
I/O
Smart Card general-purpose I/O terminal. This signal can be controlled by firmware and is
used as a control signal for an external Smart Card interface chip or level shifter.
SC_GPIO2
201
E07
I/O
Smart Card general-purpose I/O terminal. This signal can be controlled by firmware and is
used as a control signal for an external Smart Card interface chip or level shifter.
SC_GPIO3
200
B06
I/O
Smart Card general-purpose I/O terminal. This signal can be controlled by firmware and is
used as a control signal for an external Smart Card interface chip or level shifter.
SC_GPIO4
202
C06
I/O
Smart Card general-purpose I/O terminal. This signal can be controlled by firmware and is
used as a control signal for an external Smart Card interface chip or level shifter.
SC_GPIO5
118
N19
I/O
Smart Card general-purpose I/O terminal. This signal can be controlled by firmware and is
used as a control signal for an external Smart Card interface chip or level shifter.
SC_GPIO6
120
M17
I/O
Smart Card general-purpose I/O terminal. This signal can be controlled by firmware and is
used as a control signal for an external Smart Card interface chip or level shifter.
SC_RST
197
C07
O
Smart Card reset. This signal starts and stops the Smart Card reset sequence. The PCI7510
asserts this reset when requested by the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com