Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 59 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 59 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 55Page - Texas Instruments PCI7510 Datasheet HTML 56Page - Texas Instruments PCI7510 Datasheet HTML 57Page - Texas Instruments PCI7510 Datasheet HTML 58Page - Texas Instruments PCI7510 Datasheet HTML 59Page - Texas Instruments PCI7510 Datasheet HTML 60Page - Texas Instruments PCI7510 Datasheet HTML 61Page - Texas Instruments PCI7510 Datasheet HTML 62Page - Texas Instruments PCI7510 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 234 page
background image
3–19
3.8
Programmable Interrupt Subsystem
Interrupts provide a way for I/O devices to let the microprocessor know that they require servicing. The dynamic
nature of PC Cards and the abundance of PC Card I/O applications require substantial interrupt support from the
PCI7510 device. The PCI7510 device provides several interrupt signaling schemes to accommodate the needs of
a variety of platforms. The different mechanisms for dealing with interrupts in this device are based on various
specifications and industry standards. The ExCA register set provides interrupt control for some 16-bit PC Card
functions, and the CardBus socket register set provides interrupt control for the CardBus PC Card functions. The
PCI7510 device is, therefore, backward compatible with existing interrupt control register definitions, and new
registers have been defined where required.
The PCI7510 device detects PC Card interrupts and events at the PC Card interface and notifies the host controller
using one of several interrupt signaling protocols. To simplify the discussion of interrupts in the PCI7510 device, PC
Card interrupts are classified either as card status change (CSC) or as functional interrupts.
The method by which any type of PCI7510 interrupt is communicated to the host interrupt controller varies from
system to system. The PCI7510 device offers system designers the choice of using parallel PCI interrupt signaling,
parallel ISA-type IRQ interrupt signaling, or the IRQSER serialized ISA and/or PCI interrupt protocol. It is possible
to use the parallel PCI interrupts in combination with either parallel IRQs or serialized IRQs, as detailed in the sections
that follow. All interrupt signaling is provided through the seven multifunction terminals, MFUNC0–MFUNC6.
3.8.1
PC Card Functional and Card Status Change Interrupts
PC Card functional interrupts are defined as requests from a PC Card application for interrupt service and are
indicated by asserting specially-defined signals on the PC Card interface. Functional interrupts are generated by
16-bit I/O PC Cards and by CardBus PC Cards.
Card status change (CSC)-type interrupts are defined as events at the PC Card interface that are detected by the
PCI7510 device and may warrant notification of host card and socket services software for service. CSC events
include both card insertion and removal from PC Card sockets, as well as transitions of certain PC Card signals.
Table 3–12 summarizes the sources of PC Card interrupts and the type of card associated with them. CSC and
functional interrupt sources are dependent on the type of card inserted in the PC Card socket. The four types of cards
that can be inserted into any PC Card socket are:
•
16-bit memory card
•
16-bit I/O card
•
CardBus cards
•
Smart Card
Table 3–12. Interrupt Mask and Flag Registers
CARD TYPE
EVENT
MASK
FLAG
16 bit memory
Battery conditions (BVD1, BVD2)
ExCA offset 05h/45h/805h bits 1 and 0
ExCA offset 04h/44h/804h bits 1 and 0
16-bit memory
Wait states (READY)
ExCA offset 05h/45h/805h bit 2
ExCA offset 04h/44h/804h bit 2
16-bit I/O
Change in card status (STSCHG)
ExCA offset 05h/45h/805h bit 0
ExCA offset 04h/44h/804h bit 0
16-bit I/O
Interrupt request (IREQ)
Always enabled
PCI configuration offset 91h bit 0
All 16-bit PC
Cards
Power cycle complete
ExCA offset 05h/45h/805h bit 3
ExCA offset 04h/44h/804h bit 3
Change in card status (CSTSCHG)
Socket mask bit 0
Socket event bit 0
CardBus
Interrupt request (CINT)
Always enabled
PCI configuration offset 91h bit 0
CardBus
Power cycle complete
Socket mask bit 3
Socket event bit 3
Card insertion or removal
Socket mask bits 2 and 1
Socket event bits 2 and 1
Functional interrupt events are valid only for 16-bit I/O and CardBus cards; that is, the functional interrupts are not
valid for 16-bit memory cards. Furthermore, card insertion and removal-type CSC interrupts are independent of the
card type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com