Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 56 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 56 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 52Page - Texas Instruments PCI7510 Datasheet HTML 53Page - Texas Instruments PCI7510 Datasheet HTML 54Page - Texas Instruments PCI7510 Datasheet HTML 55Page - Texas Instruments PCI7510 Datasheet HTML 56Page - Texas Instruments PCI7510 Datasheet HTML 57Page - Texas Instruments PCI7510 Datasheet HTML 58Page - Texas Instruments PCI7510 Datasheet HTML 59Page - Texas Instruments PCI7510 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 234 page
background image
3–16
Sb6
b4
b5
b3 b2 b1 b0
0
b7 b6 b5 b4 b3
b2 b1 b0
AA
Slave Address
Word Address
R/W
S/P = Start/Stop Condition
A = Slave Acknowledgement
b7 b6
b4
b5
b3 b2 b1 b0
A
P
Data Byte
Figure 3–10. Serial-Bus Protocol—Byte Write
Figure 3–11 illustrates a byte read. The read protocol is very similar to the write protocol, except the R/W command
bit must be set to 1 to indicate a read-data transfer. In addition, the PCI7510 master must acknowledge reception
of the read bytes from the slave transmitter. The slave transmitter drives the SDA signal during read data transfers.
The SCL signal remains driven by the PCI7510 master.
Sb6
b4
b5
b3 b2 b1 b0
0
b7 b6 b5 b4 b3
b2 b1 b0
AA
Slave Address
Word Address
R/W
Sb6
b4
b5
b3 b2 b1 b0
1
A
Slave Address
S/P = Start/Stop Condition
M = Master Acknowledgement
b7 b6
b4
b5
b3 b2 b1 b0
M
P
Data Byte
Start
Restart
R/W
A = Slave Acknowledgement
Stop
Figure 3–11. Serial-Bus Protocol—Byte Read
Figure 3–12 illustrates EEPROM interface doubleword data collection protocol.
S1
1
0
0
0
0
0
0
b7 b6 b5 b4 b3
b2 b1 b0
AA
Slave Address
Word Address
R/W
Data Byte 2
Data Byte 1
Data Byte 0
M
P
M
M
M = Master Acknowledgement
S/P = Start/Stop Condition
A = Slave Acknowledgement
Data Byte 3
M
S1
1
0
0
0
001
A
Restart
R/W
Slave Address
Start
Figure 3–12. EEPROM Interface Doubleword Data Collection
3.7.4
Serial-Bus EEPROM Application
When the PCI bus is reset and the serial-bus interface is detected, the PCI7510 device attempts to read the
subsystem identification and other register defaults from a serial EEPROM.
This format must be followed for the PCI7510 device to load initializations from a serial EEPROM. All bit fields must
be considered when programming the EEPROM.
The serial EEPROM is addressed at slave address 1010 000b by the PCI7510 device. All hardware address bits for
the EEPROM must be tied to the appropriate level to achieve this address. The serial EEPROM chip in the sample
application (Figure 3–12) assumes the 1010b high-address nibble. The lower three address bits are terminal inputs
to the chip, and the sample application shows these terminal inputs tied to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com