Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 48 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 48 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 44Page - Texas Instruments PCI7510 Datasheet HTML 45Page - Texas Instruments PCI7510 Datasheet HTML 46Page - Texas Instruments PCI7510 Datasheet HTML 47Page - Texas Instruments PCI7510 Datasheet HTML 48Page - Texas Instruments PCI7510 Datasheet HTML 49Page - Texas Instruments PCI7510 Datasheet HTML 50Page - Texas Instruments PCI7510 Datasheet HTML 51Page - Texas Instruments PCI7510 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 234 page
background image
3–8
Table 3–3. TPS2221 Control Logic
VD0/VCCD1
VD1/VCCD0
VD2/VPPD1
VD3/VPPD0
VCC
VPP/VCORE
0
0
0
0
0 V
0 V
0
0
0
1
Hi-Z
Hi-Z
0
0
1
0
Hi-Z
Hi-Z
0
0
1
1
Hi-Z
Hi-Z
0
1
0
0
3.3 V
0 V
0
1
0
1
3.3 V
3.3 V
0
1
1
0
3.3 V
5 V
0
1
1
1
3.3 V
1.8 V
1
0
0
0
5 V
0 V
1
0
0
1
5 V
3.3 V
1
0
1
0
5 V
5 V
1
0
1
1
5 V
1.8 V
1
1
0
0
Hi-Z
Hi-Z
1
1
0
1
3.3 V
Hi-Z
1
1
1
0
5 V
Hi-Z
1
1
1
1
Hi-Z
Hi-Z
Table 3–4. TPS2211A Control Logic
VD0/VCCD1
VD1/VCCD0
VD2/VPPD1
VD3/VPPD0
VCC
VPP/VCORE
0
0
0
0
0 V
0 V
0
0
0
1
0 V
12 V
0
0
1
0
0 V
0 V
0
0
1
1
0 V
Hi-Z
0
1
0
0
3.3 V
0 V
0
1
0
1
3.3 V
12 V
0
1
1
0
3.3 V
3.3 V
0
1
1
1
3.3 V
Hi-Z
1
0
0
0
5 V
0 V
1
0
0
1
5 V
12 V
1
0
1
0
5 V
5 V
1
0
1
1
5 V
Hi-Z
1
1
0
0
0 V
0 V
1
1
0
1
0 V
12 V
1
1
1
0
0 V
0 V
1
1
1
1
0 V
Hi-Z
3.6.5
Zoomed Video Support
The PCI7510 device allows for the implementation of zoomed video (ZV) for PC Cards. Zoomed video is supported
by setting bit 6 (ZVENABLE) in the card control register (PCI offset 91h, see Section 4.38) on a per-socket function
basis. Setting this bit puts 16-bit PC Card address lines A25–A4 of the PC Card interface in the high-impedance state.
These lines can then transfer video and audio data directly to the appropriate controller. Card address lines A3–A0
can still access PC Card CIS registers for PC Card configuration. Figure 3–4 illustrates a PCI7510 ZV
implementation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com