Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 26 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 22Page - Texas Instruments PCI7510 Datasheet HTML 23Page - Texas Instruments PCI7510 Datasheet HTML 24Page - Texas Instruments PCI7510 Datasheet HTML 25Page - Texas Instruments PCI7510 Datasheet HTML 26Page - Texas Instruments PCI7510 Datasheet HTML 27Page - Texas Instruments PCI7510 Datasheet HTML 28Page - Texas Instruments PCI7510 Datasheet HTML 29Page - Texas Instruments PCI7510 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 234 page
background image
2–7
Table 2–3. CardBus PC Card Signal Names Sorted Alphabetically
SIGNAL NAME
TERMINAL NUMBER
SIGNAL NAME
TERMINAL NUMBER
SIGNAL NAME
TERMINAL NUMBER
SIGNAL NAME
PDV
GHK
SIGNAL NAME
PDV
GHK
SIGNAL NAME
PDV
GHK
AD0
74
R09
CAD6
132
K14
CIRDY
160
F13
AD1
73
U09
CAD7
135
J17
CLK_48
204
F06
AD2
72
V09
CAD8
136
J14
CNA
111
P17
AD3
71
W09
CAD9
139
H18
CPAR
152
F14
AD4
69
V08
CAD10
140
H17
CPERR
154
F15
AD5
68
U08
CAD11
141
H14
CPS
80
P10
AD6
67
R08
CAD12
142
H15
CREQ
173
B12
AD7
66
W07
CAD13
144
G18
CRST
169
B13
AD8
64
U07
CAD14
147
F19
CRSVD
134
F08
AD9
63
P08
CAD15
145
G17
CRSVD
150
F17
AD10
61
R07
CAD16
148
F18
CRSVD
193
J18
AD11
60
V06
CAD17
164
B14
CSERR
183
E10
AD12
59
U06
CAD18
165
E13
CSTOP
155
E17
AD13
57
V05
CAD19
166
A14
CSTSCHG
185
A09
AD14
56
P07
CAD20
168
C13
CTRDY
159
E14
AD15
55
R06
CAD21
171
E12
CVS1
181
B10
AD16
43
P01
CAD22
172
C12
CVS2
167
F12
AD17
42
N06
CAD23
174
A12
DEVSEL
49
R02
AD18
41
N03
CAD24
177
C11
FILTER0
105
T19
AD19
40
N02
CAD25
178
E11
FILTER1
106
R17
AD20
38
M05
CAD26
179
F11
FRAME
45
N05
AD21
37
M06
CAD27
188
F09
GND
6
E01
AD22
36
M03
CAD28
189
E09
GND
24
K01
AD23
35
M02
CAD29
191
B08
GND
39
N01
AD24
31
L03
CAD30
192
C08
GND
62
W06
AD25
30
L02
CAD31
194
E08
GND
114
P19
AD26
28
K06
CAUDIO
184
F10
GND
128
K19
AD27
27
K05
C/BE0
65
V07
GND
143
G19
AD28
26
K03
C/BE1
54
U05
GND
162
A15
AD29
25
K02
C/BE2
44
P02
GND
180
A10
AD30
23
J06
C/BE3
32
L06
GND
195
A07
AD31
22
J05
CBLOCK
153
E18
GNT
19
J01
ANALOGGND
83
U11
CC/BE0
137
J15
GRST
17
H02
ANALOGGND
90
R12
CC/BE1
149
G15
IDSEL
33
L05
ANALOGGND
97
R13
CC/BE2
163
C14
IRDY
46
P03
ANALOGVCC
85
R11
CC/BE3
176
B11
MFUNC0
3
F05
ANALOGVCC
93
U13
CCD1
125
L17
MFUNC1
4
G06
ANALOGVCC
98
U14
CCD2
187
C09
MFUNC2
7
F03
CAD0
126
L15
CCLK
158
C15
MFUNC3
8
F02
CAD1
129
K18
CCLKRUN
186
B09
MFUNC4
9
G05
CAD2
127
L14
CDEVSEL
157
A16
MFUNC5
10
F01
CAD3
131
K15
CFRAME
161
B15
MFUNC6
11
H06
CAD4
130
K17
CGNT
156
D19
NC
–
E05
CAD5
133
J19
CINT
182
C10
NC
84
P11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com