Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 63 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 63 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 59Page - Texas Instruments PCI7510 Datasheet HTML 60Page - Texas Instruments PCI7510 Datasheet HTML 61Page - Texas Instruments PCI7510 Datasheet HTML 62Page - Texas Instruments PCI7510 Datasheet HTML 63Page - Texas Instruments PCI7510 Datasheet HTML 64Page - Texas Instruments PCI7510 Datasheet HTML 65Page - Texas Instruments PCI7510 Datasheet HTML 66Page - Texas Instruments PCI7510 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 234 page
background image
3–23
•
Cardbus bridge power management
•
ACPI support
TPS2211A or
TPS2221
Power Switch
PCI7510
PME
11
PC Card
Socket A
4
Smart Card
Socket
CLKRUN
68
PCI Bus
PRST
GRST†
Core Logic/
Embedded
Controller
1394
Socket
NCN6000
† The system connection to GRST is implementation-specific. GRST must be asserted on initial power up of the PCI7510 device. PRST must be
asserted for subsequent warm resets.
Figure 3–14. System Diagram Implementing CardBus Device Class Power Management
3.9.1
1394 Power Management (Function 2)
The PCI7510 device complies with PCI Bus Power Management Interface Specification. The device supports the D0
(uninitialized), D0 (active), D1, D2, and D3 power states as defined by the power-management definition in the 1394
Open Host Controller Interface Specification, Appendix A.4 and PCI Bus Power Management Specification. PME is
supported to provide notification of wake events. Per Section A.4.2, the 1394 OHCI sets PMCSR.PME_STS in the
D0 state due to unmasked interrupt events. In previous OHCI implementations, unmasked interrupt events were
interpreted as (IntEvent.n && IntMask.n && IntMask.masterIntEnable), where n represents a specific interrupt event.
Based on feedback from Microsoft this implementation may cause problems with the existing Windows
power-management arcitecture as a PME and an interrupt could be simultaneously signaled on a transition from the
D1 to D0 state where interrupts were enabled to generate wake events. If bit 10 (ignore_mstrIntEna_for_pme) in the
PCI miscellaneous configuration register (OHCI offset F0h, see Section 7.23) is set, then the PCI7510 device
implements the preferred behavior as (IntEvent.n && IntMask.n). Otherwise, the PCI7510 device implements the
preferred behavior as (IntEvent.n && IntMask.n && IntMask.masterIntEnable). In addition, when the
ignore_mstrIntEna_for_pme bit is set, it causes bit 26 of the OHCI vendor ID register (OHCI offset 40h, see
Section 8.15) to read 1, otherwise, bit 26 reads 0. An open drain buffer is used for PME.
3.9.2
Integrated Low-Dropout Voltage Regulator (LDO-VR)
The PCI7510 device requires 1.8-V core voltage. The core power can be supplied by the PCI7510 device itself using
the internal LDO-VR. The core power can alternatively be supplied by an external power supply through the
VR_PORT terminal. Table 3–16 lists the requirements for both the internal core power supply and the external core
power supply.
Table 3–16. Requirements for Internal/External 1.8-V Core Power Supply
SUPPLY
VCC
VR_EN
VR_PORT
NOTE
Internal
3.3 V
GND
1.8-V output
Internal 1.8-V LDO-VR is enabled. A 1.0-
µF bypass capacitor is required on the VR_PORT
terminal for decoupling. This output is not for external use.
External
3.3 V
VCC
1.8-V input
Internal 1.8-V LDO-VR is disabled. An external 1.8-V power supply, of minimum 50-mA
capacity, is required. A 0.1-
µF bypass capacitor on the VR_PORT terminal is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com