Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 76 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 76 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 72Page - Texas Instruments PCI7510 Datasheet HTML 73Page - Texas Instruments PCI7510 Datasheet HTML 74Page - Texas Instruments PCI7510 Datasheet HTML 75Page - Texas Instruments PCI7510 Datasheet HTML 76Page - Texas Instruments PCI7510 Datasheet HTML 77Page - Texas Instruments PCI7510 Datasheet HTML 78Page - Texas Instruments PCI7510 Datasheet HTML 79Page - Texas Instruments PCI7510 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 234 page
background image
4–3
4.3
Device ID Register Function 0
The device ID register contains a value assigned to the PCI7510 device by Texas Instruments. The device
identification for the PCI7510 device is AC47h.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Device ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
1
0
1
0
1
1
0
0
0
1
0
0
0
1
1
1
Register:
Device ID
Offset:
02h (Function 0)
Type:
Read-only
Default:
AC47h
4.4
Device ID Register Function 1
This read-only register contains the device ID assigned by TI to the PCI7510 Smart Card dedicated socket function
(PCI function 1). The device ID for the Smart Card dedicated socket is AC4Ah.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Device ID—Smart Card
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
1
0
1
0
1
1
0
0
0
1
0
0
1
0
1
0
Register:
Device ID (dedicated Smart Card)
Offset:
02h (Function 1)
Type:
Read-only
Default:
AC4Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com