Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 28 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 24Page - Texas Instruments PCI7510 Datasheet HTML 25Page - Texas Instruments PCI7510 Datasheet HTML 26Page - Texas Instruments PCI7510 Datasheet HTML 27Page - Texas Instruments PCI7510 Datasheet HTML 28Page - Texas Instruments PCI7510 Datasheet HTML 29Page - Texas Instruments PCI7510 Datasheet HTML 30Page - Texas Instruments PCI7510 Datasheet HTML 31Page - Texas Instruments PCI7510 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 234 page
background image
2–9
Table 2–4. 16-Bit PC Card Signal Names Sorted Alphabetically
SIGNAL NAME
TERMINAL NUMBER
SIGNAL NAME
TERMINAL NUMBER
SIGNAL NAME
TERMINAL NUMBER
SIGNAL NAME
PDV
GHK
SIGNAL NAME
PDV
GHK
SIGNAL NAME
PDV
GHK
AD0
74
R09
A9
147
F19
D4
129
K18
AD1
73
U09
A10
139
H18
D5
131
K15
AD2
72
V09
A11
142
H15
D6
133
J19
AD3
71
W09
A12
163
C14
D7
135
J17
AD4
69
V08
A13
152
F14
D8
189
E09
AD5
68
U08
A14
154
F15
D9
192
C08
AD6
67
R08
A15
160
F13
D10
194
E08
AD7
66
W07
A16
158
C15
D11
127
L14
AD8
64
U07
A17
148
F18
D12
130
K17
AD9
63
P08
A18
150
F17
D13
132
K14
AD10
61
R07
A19
153
E18
D14
134
J18
AD11
60
V06
A20
155
E17
D15
136
J14
AD12
59
U06
A21
157
A16
FILTER0
105
T19
AD13
57
V05
A22
159
E14
FILTER1
106
R17
AD14
56
P07
A23
161
B15
FRAME
45
N05
AD15
55
R06
A24
164
B14
GND
6
E01
AD16
43
P01
A25
166
A14
GND
24
K01
AD17
42
N06
ANALOGGND
83
U11
GND
39
N01
AD18
41
N03
ANALOGGND
90
R12
GND
62
W06
AD19
40
N02
ANALOGGND
97
R13
GND
114
P19
AD20
38
M05
ANALOGVCC
85
R11
GND
128
K19
AD21
37
M06
ANALOGVCC
93
U13
GND
143
G19
AD22
36
M03
ANALOGVCC
98
U14
GND
162
A15
AD23
35
M02
BVD1(STSCHG/RI)
185
A09
GND
180
A10
AD24
31
L03
BVD2(SPKR)
184
F10
GND
195
A07
AD25
30
L02
C/BE0
65
V07
GNT
19
J01
AD26
28
K06
C/BE1
54
U05
GRST
17
H02
AD27
27
K05
C/BE2
44
P02
IDSEL
33
L05
AD28
26
K03
C/BE3
32
L06
INPACK
173
B12
AD29
25
K02
CD1
125
L17
IORD
144
G18
AD30
23
J06
CD2
187
C09
IOWR
145
G17
AD31
22
J05
CE1
137
J15
IRDY
46
P03
A0
179
F11
CE2
140
H17
MFUNC0
3
F05
A1
178
E11
CLK_48
204
F06
MFUNC1
4
G06
A2
177
C11
CNA
111
P17
MFUNC2
7
F03
A3
174
A12
CPS
80
P10
MFUNC3
8
F02
A4
172
C12
DEVSEL
49
R02
MFUNC4
9
G05
A5
171
E12
D0
188
F09
MFUNC5
10
F01
A6
168
C13
D1
191
B08
MFUNC6
11
H06
A7
165
E13
D2
193
F08
NC
–
E05
A8
149
G15
D3
126
L15
NC
84
P11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com