Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 32 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 28Page - Texas Instruments PCI7510 Datasheet HTML 29Page - Texas Instruments PCI7510 Datasheet HTML 30Page - Texas Instruments PCI7510 Datasheet HTML 31Page - Texas Instruments PCI7510 Datasheet HTML 32Page - Texas Instruments PCI7510 Datasheet HTML 33Page - Texas Instruments PCI7510 Datasheet HTML 34Page - Texas Instruments PCI7510 Datasheet HTML 35Page - Texas Instruments PCI7510 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 234 page
background image
2–13
Table 2–9. PCI Interface Control Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
I/O
DESCRIPTION
DEVSEL
49
R02
I/O
PCI device select. The PCI7510 device asserts DEVSEL to claim a PCI cycle as the target device. As a PCI
initiator on the bus, the PCI7510 device monitors DEVSEL until a target responds. If no target responds before
timeout occurs, then the PCI7510 device terminates the cycle with an initiator abort.
FRAME
45
N05
I/O
PCI cycle frame. FRAME is driven by the initiator of a bus cycle. FRAME is asserted to indicate that a bus
transaction is beginning, and data transfers continue while this signal is asserted. When FRAME is
deasserted, the PCI bus transaction is in the final data phase.
GNT
19
J01
I
PCI bus grant. GNT is driven by the PCI bus arbiter to grant the PCI7510 device access to the PCI bus after
the current data transaction has completed. GNT may or may not follow a PCI bus request, depending on the
PCI bus parking algorithm.
IDSEL
33
L05
I
Initialization device select. IDSEL selects the PCI7510 device during configuration space accesses. IDSEL
can be connected to one of the upper 24 PCI address lines on the PCI bus.
IRDY
46
P03
I/O
PCI initiator ready. IRDY indicates the ability of the PCI bus initiator to complete the current data phase of the
transaction. A data phase is completed on a rising edge of PCLK where both IRDY and TRDY are asserted.
Until IRDY and TRDY are both sampled asserted, wait states are inserted.
PERR
51
R03
I/O
PCI parity error indicator. PERR is driven by a PCI device to indicate that calculated parity does not match
PAR when PERR is enabled through bit 6 of the command register (PCI offset 04h, see Section 4.5).
REQ
20
J02
O
PCI bus request. REQ is asserted by the PCI7510 device to request access to the PCI bus as an initiator.
SERR
52
T01
O
PCI system error. SERR is an output that is pulsed from the PCI7510 device when enabled through bit 8 of
the command register (PCI offset 04h, see Section 4.5) indicating a system error has occurred. The PCI7510
device need not be the target of the PCI cycle to assert this signal. When SERR is enabled in the command
register, this signal also pulses, indicating that an address parity error has occurred on a CardBus interface.
STOP
50
P05
I/O
PCI cycle stop signal. STOP is driven by a PCI target to request the initiator to stop the current PCI bus
transaction. STOP is used for target disconnects and is commonly asserted by target devices that do not
support burst data transfers.
TRDY
48
P06
I/O
PCI target ready. TRDY indicates the ability of the primary bus target to complete the current data phase of
the transaction. A data phase is completed on a rising edge of PCLK when both IRDY and TRDY are asserted.
Until both IRDY and TRDY are asserted, wait states are inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com