Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 64 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 64 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 60Page - Texas Instruments PCI7510 Datasheet HTML 61Page - Texas Instruments PCI7510 Datasheet HTML 62Page - Texas Instruments PCI7510 Datasheet HTML 63Page - Texas Instruments PCI7510 Datasheet HTML 64Page - Texas Instruments PCI7510 Datasheet HTML 65Page - Texas Instruments PCI7510 Datasheet HTML 66Page - Texas Instruments PCI7510 Datasheet HTML 67Page - Texas Instruments PCI7510 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 234 page
background image
3–24
3.9.3
CardBus (Function 0) Clock Run Protocol
The PCI CLKRUN feature is the primary method of power management on the PCI interface of the PCI7510 device.
CLKRUN signaling is provided through the MFUNC6 terminal. Since some chip sets do not implement CLKRUN, this
is not always available to the system designer, and alternate power-saving features are provided. For details on the
CLKRUN protocol see the PCI Mobile Design Guide.
The PCI7510 device does not permit the central resource to stop the PCI clock under any of the following conditions:
•
Bit 1 (KEEPCLK) in the system control register (PCI offset 80h, see Section 4.30) is set.
•
The 16-bit PC Card resource manager is busy.
•
The PCI7510 CardBus master state machine is busy. A cycle may be in progress on CardBus.
•
The PCI7510 master is busy. There may be posted data from CardBus to PCI in the PCI7510 device.
•
Interrupts are pending.
•
The CardBus CCLK for the socket has not been stopped by the PCI7510 CCLKRUN manager.
•
Bit 0 (KEEP_PCLK) in the miscellaneous configuration register (PCI offset F0h, see Section 7.23) is set.
•
The 1394 resource manager is busy.
•
The PCI7610 1394 master state machine is busy. A cycle may be in progress on 1394.
•
The PCI7610 master is busy. There may be posted data from the 1394 bus to PCI in the PCI7610 device.
•
Interrupts are pending.
•
The 1394 bus is not idle.
The PCI7510 device restarts the PCI clock using the CLKRUN protocol under any of the following conditions:
•
A 16-bit PC Card IREQ or a CardBus CINT has been asserted by either card.
•
A CardBus CBWAKE (CSTSCHG) or 16-bit PC Card STSCHG/RI event occurs in the socket.
•
A CardBus attempts to start the CCLK using CCLKRUN.
•
A CardBus card arbitrates for the CardBus bus using CREQ.
•
A 1394 device changes the status of the twisted pair lines from idle to active.
3.9.4
CardBus PC Card Power Management
The PCI7510 device implements its own card power-management engine that can turn off the CCLK to a socket when
there is no activity to the CardBus PC Card. The PCI clock-run protocol is followed on the CardBus CCLKRUN
interface to control this clock management.
3.9.5
16-Bit PC Card Power Management
The COE bit (bit 7) of the ExCA power control register (ExCA offset 02h/42h/802h, see Section 5.3) and PWRDWN
bit (bit 0) of the ExCA global control register (ExCA offset 1Eh/5Eh/81Eh, see Section 5.20) are provided for 16-bit
PC Card power management. The COE bit places the card interface in a high-impedance state to save power. The
power savings when using this feature are minimal. The COE bit resets the PC Card when used, and the PWRDWN
bit does not. Furthermore, the PWRDWN bit is an automatic COE, that is, the PWRDWN performs the COE function
when there is no card activity.
NOTE: The 16-bit PC Card must implement the proper pullup resistors for the COE and
PWRDWN modes.
3.9.6
Suspend Mode
The SUSPEND signal, provided for backward compatibility, gates the PRST (PCI reset) signal and the GRST (global
reset) signal from the PCI7510 device. Besides gating PRST and GRST, SUSPEND also gates PCLK inside the
PCI7510 device in order to minimize power consumption.
It should also be noted that asynchronous signals, such as card status change interrupts and RI_OUT, can be passed
to the host system without a PCI clock. However, if card status change interrupts are routed over the serial interrupt
stream, then the PCI clock must be restarted in order to pass the interrupt, because neither the internal oscillator nor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com