Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 29 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 25Page - Texas Instruments PCI7510 Datasheet HTML 26Page - Texas Instruments PCI7510 Datasheet HTML 27Page - Texas Instruments PCI7510 Datasheet HTML 28Page - Texas Instruments PCI7510 Datasheet HTML 29Page - Texas Instruments PCI7510 Datasheet HTML 30Page - Texas Instruments PCI7510 Datasheet HTML 31Page - Texas Instruments PCI7510 Datasheet HTML 32Page - Texas Instruments PCI7510 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 234 page
background image
2–10
Table 2–4. 16-Bit PC Card Signal Names Sorted Alphabetically (Continued)
SIGNAL NAME
TERMINAL NUMBER
SIGNAL NAME
TERMINAL NUMBER
SIGNAL NAME
TERMINAL NUMBER
SIGNAL NAME
PDV
GHK
SIGNAL NAME
PDV
GHK
SIGNAL NAME
PDV
GHK
NC
89
P12
SC_DATA
199
A06
VCC
47
A13
NC
94
P13
SC_GPIO0
122
M19
VCC
70
E19
NC
100
P14
SC_GPIO1
121
M18
VCC
123
G01
NC
102
R14
SC_GPIO2
201
E07
VCC
138
H19
NC
104
W16
SC_GPIO3
200
B06
VCC
151
L19
OE
141
H14
SC_GPIO4
202
C06
VCC
170
M01
PAR
53
W04
SC_GPIO5
118
N19
VCC
190
R01
PCLK
18
H01
SC_GPIO6
120
M17
VCC
203
W08
PC0
77
V10
SC_RST
197
C07
VCCCB
146
A11
PC1
76
W10
SDA
1
D01
VCCCB
175
G14
PC2
75
P09
SERR
52
T01
VCCP
29
L01
PERR
51
R03
SKT_SEL0
78
U10
VCCP
58
W05
PHY_TEST_MA
112
P18
SKT_SEL1
79
R10
VDPLL
107
P15
PRST
16
H03
SPKROUT
5
E02
VD0/VCCD1
205
B05
READY(IREQ)
182
C10
STOP
50
P05
VD1/VCCD0
206
E06
REG
176
B11
SUSPEND
12
G03
VD2/VPPD1
207
C05
REQ
20
J02
TPA0N
86
W12
VD3/VPPD0
208
A04
RESET
169
B13
TPA0P
87
V12
VR_EN
15
H05
RI_OUT/PME
21
J03
TPA1N
99
W15
VR_PORT
13
G02
RSVD
113
N14
TPA1P
101
V15
VR_PORT
124
L18
RSVD
115
M14
TPBIAS0
88
U12
VSPLL
108
N14
RSVD
116
N17
TPBIAS1
103
U15
VS1
181
B10
RSVD
117
N18
TPB0N
81
W11
VS2
167
F12
RSVD
119
M15
TPB0P
82
V11
WAIT
183
E10
R0
91
W13
TPB1N
95
W14
WE
156
D19
R1
92
V13
TPB1P
96
V14
WP(IOIS16)
186
B09
SCL
2
E03
TRDY
48
P06
XI
109
R18
SC_CD
196
B07
VCC
14
A05
XO
110
R19
SC_CLK
198
F07
VCC
34
A08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com