Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 37 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 37 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 33Page - Texas Instruments PCI7510 Datasheet HTML 34Page - Texas Instruments PCI7510 Datasheet HTML 35Page - Texas Instruments PCI7510 Datasheet HTML 36Page - Texas Instruments PCI7510 Datasheet HTML 37Page - Texas Instruments PCI7510 Datasheet HTML 38Page - Texas Instruments PCI7510 Datasheet HTML 39Page - Texas Instruments PCI7510 Datasheet HTML 40Page - Texas Instruments PCI7510 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 234 page
background image
2–18
Table 2–14. CardBus PC Card Address and Data Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
I/O
DESCRIPTION
CAD31
CAD30
CAD29
CAD28
CAD27
CAD26
CAD25
CAD24
CAD23
CAD22
CAD21
CAD20
CAD19
CAD18
CAD17
CAD16
CAD15
CAD14
CAD13
CAD12
CAD11
CAD10
CAD9
CAD8
CAD7
CAD6
CAD5
CAD4
CAD3
CAD2
CAD1
CAD0
194
192
191
189
188
179
178
177
174
172
171
168
166
165
164
148
145
147
144
142
141
140
139
136
135
132
133
130
131
127
129
126
E08
C08
B08
E09
F09
F11
E11
C11
A12
C12
E12
C13
A14
E13
B14
F18
G17
F19
G18
H15
H14
H17
H18
J14
J17
K14
J19
K17
K15
L14
K18
L15
I/O
CardBus address and data. These signals make up the multiplexed CardBus address and data bus on
the CardBus interface. During the address phase of a CardBus cycle, CAD31–CAD0 contain a 32-bit
address. During the data phase of a CardBus cycle, CAD31–CAD0 contain data. CAD31 is the most
significant bit.
CC/BE3
CC/BE2
CC/BE1
CC/BE0
176
163
149
137
B11
C14
G15
J15
I/O
CardBus bus commands and byte enables. CC/BE3–CC/BE0 are multiplexed on the same CardBus
terminals. During the address phase of a CardBus cycle, CC/BE3–CC/BE0 define the bus command.
During the data phase, this 4-bit bus is used as byte enables. The byte enables determine which byte paths
of the full 32-bit data bus carry meaningful data. CC/BE0 applies to byte 0 (CAD7–CAD0), CC/BE1 applies
to byte 1 (CAD15–CAD8), CC/BE2 applies to byte 2 (CAD23–CAD16), and CC/BE3 applies to byte 3
(CAD31–CAD24).
CPAR
152
F14
I/O
CardBus parity. In all CardBus read and write cycles, the PCI7510 device calculates even parity across
the CAD and CC/BE buses. As an initiator during CardBus cycles, the PCI7510 device outputs CPAR with
a one-CCLK delay. As a target during CardBus cycles, the PCI7510 device compares its calculated parity
to the parity indicator of the initiator; a compare error results in a parity error assertion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com