Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 45 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 45 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 41Page - Texas Instruments PCI7510 Datasheet HTML 42Page - Texas Instruments PCI7510 Datasheet HTML 43Page - Texas Instruments PCI7510 Datasheet HTML 44Page - Texas Instruments PCI7510 Datasheet HTML 45Page - Texas Instruments PCI7510 Datasheet HTML 46Page - Texas Instruments PCI7510 Datasheet HTML 47Page - Texas Instruments PCI7510 Datasheet HTML 48Page - Texas Instruments PCI7510 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 234 page
background image
3–5
SCL
SDA
VCC
A0
A1
A2
SCL
SDA
PCI7510
Serial
ROM
Figure 3–3. Serial ROM Application
3.5.4
Loading CardBus (Function 0) Subsystem Identification
The subsystem vendor ID register (PCI offset 40h, see Section 4.27) and subsystem ID register (PCI offset 42h, see
Section 4.28) make up a doubleword of PCI configuration space for function 0. This doubleword register is used for
system and option card (mobile dock) identification purposes and is required by some operating systems.
Implementation of this unique identifier register is a PC 99/PC 2001 requirement.
The PCI7510 device offers two mechanisms to load a read-only value into the subsystem registers. The first
mechanism relies upon the system BIOS providing the subsystem ID value. The default access mode to the
subsystem registers is read-only, but can be made read/write by setting bit 5 (SUBSYSRW) in the system control
register (PCI offset 80h, see Section 4.30). Once this bit is set, the BIOS can write a subsystem identification value
into the registers at PCI offset 40h. The BIOS must clear the SUBSYSRW bit such that the subsystem vendor ID
register and subsystem ID register is limited to read-only access. This approach saves the added cost of
implementing the serial electrically erasable programmable ROM (EEPROM).
In some conditions, such as in a docking environment, the subsystem vendor ID register and subsystem ID register
must be loaded with a unique identifier via a serial EEPROM. The PCI7510 device loads the data from the serial
EEPROM after a reset of the primary bus. Note that the SUSPEND input gates the PCI reset from the entire PCI7510
core, including the serial-bus state machine (see Section 3.9.6, Suspend Mode, for details on using SUSPEND).
The PCI7510 device provides a two-line serial-bus host controller that can interface to a serial EEPROM. See
Section 3.7, Serial EEPROM Interface, for details on the two-wire serial-bus controller and applications.
3.5.4.1 Function 2 Subsystem Identification
The subsystem identification register is used for system and option card identification purposes. This register can
be initialized from the serial EEPROM or programmed via the subsystem access register at offset F8h in the PCI
configuration space (see Section 7.25, Subsystem Access Register). See Table 7–22 for a complete description of
the register contents.
Write access to the subsystem access register updates the subsystem identification registers identically to
OHCI-Lynx
. The system ID value written to this register may also be read back from this register. See Table 7–22
for a complete description of the register contents.
3.5.4.2 Function 3 Subsystem Identification
The subsystem identification register is used for system and option card identification purposes. This register can
be initialized from the serial EEPROM or programmed via the subsystem access register at offset F8h in the PCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com