Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 55 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 55 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 51Page - Texas Instruments PCI7510 Datasheet HTML 52Page - Texas Instruments PCI7510 Datasheet HTML 53Page - Texas Instruments PCI7510 Datasheet HTML 54Page - Texas Instruments PCI7510 Datasheet HTML 55Page - Texas Instruments PCI7510 Datasheet HTML 56Page - Texas Instruments PCI7510 Datasheet HTML 57Page - Texas Instruments PCI7510 Datasheet HTML 58Page - Texas Instruments PCI7510 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 234 page
background image
3–15
transition of SDA while SCL is in the high state, as shown in Figure 3–8. Data on SDA must remain stable during the
high state of the SCL signal, as changes on the SDA signal during the high state of SCL are interpreted as control
signals, that is, a start or a stop condition.
SDA
SCL
Start
Condition
Stop
Condition
Change of
Data Allowed
Data Line Stable,
Data Valid
Figure 3–8. Serial-Bus Start/Stop Conditions and Bit Transfers
Data is transferred serially in 8-bit bytes. The number of bytes that may be transmitted during a data transfer is
unlimited; however, each byte must be completed with an acknowledge bit. An acknowledge (ACK) is indicated by
the receiver pulling the SDA signal low, so that it remains low during the high state of the SCL signal. Figure 3–9
illustrates the acknowledge protocol.
SCL From
Master
123
78
9
SDA Output
By Transmitter
SDA Output
By Receiver
Figure 3–9. Serial-Bus Protocol Acknowledge
The PCI7510 device is a serial bus master; all other devices connected to the serial bus external to the PCI7510
device are slave devices. As the bus master, the PCI7510 device drives the SCL clock at nearly 100 kHz during bus
cycles and places SCL in a high-impedance state (zero frequency) during idle states.
Typically, the PCI7510 device masters byte reads and byte writes under software control. Doubleword reads are
performed by the serial EEPROM initialization circuitry upon a PCI reset and may not be generated under software
control. See Section 3.7.4, Serial-Bus EEPROM Application, for details on how the PCI7510 device automatically
loads the subsystem identification and other register defaults through a serial-bus EEPROM.
Figure 3–10 illustrates a byte write. The PCI7510 device issues a start condition and sends the 7-bit slave device
address and the command bit zero. A 0 in the R/W command bit indicates that the data transfer is a write. The slave
device acknowledges if it recognizes the address. If no acknowledgment is received by the PCI7510 device, then an
appropriate status bit is set in the serial-bus control/status register (PCI offset B3h, see Section 4.50). The word
address byte is then sent by the PCI7510 device, and another slave acknowledgment is expected. Then the PCI7510
device delivers the data byte MSB first and expects a final acknowledgment before issuing the stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com