Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 43 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 43 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 39Page - Texas Instruments PCI7510 Datasheet HTML 40Page - Texas Instruments PCI7510 Datasheet HTML 41Page - Texas Instruments PCI7510 Datasheet HTML 42Page - Texas Instruments PCI7510 Datasheet HTML 43Page - Texas Instruments PCI7510 Datasheet HTML 44Page - Texas Instruments PCI7510 Datasheet HTML 45Page - Texas Instruments PCI7510 Datasheet HTML 46Page - Texas Instruments PCI7510 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 234 page
background image
3–3
3.4
Clamping Voltages
The clamping voltages are set to match whatever external environment the PCI7510 device is interfaced with: 3.3 V
or 5 V. The I/O sites can be pulled through a clamping diode to a voltage rail that protects the core from external
signals. The core power supply is 1.8 V and is independent of the clamping voltages. For example, PCI signaling can
be either 3.3 V or 5 V, and the PCI7510 device must reliably accommodate both voltage levels. This is accomplished
by using a 3.3-V I/O buffer that is 5-V tolerant, with the applicable clamping voltage applied. If a system designer
desires a 5-V PCI bus, then VCCP can be connected to a 5-V power supply.
3.5
Peripheral Component Interconnect (PCI) Interface
The PCI7510 device is fully compliant with the PCI Local Bus Specification. The PCI7510 device provides all required
signals for PCI master or slave operation, and may operate in either a 5-V or 3.3-V signaling environment by
connecting the VCCP terminals to the desired voltage level. In addition to the mandatory PCI signals, the PCI7510
device provides the optional interrupt signals INTA, INTB, and INTC for functions 0, 1, and 2, respectively.
3.5.1
1394 PCI Bus Master
As a bus master, the 1394 function of the PCI7510 device supports the memory commands specified in Table 3–1
below. The PCI master supports the memory read, memory read line, and memory read multiple commands. The
read command usage for read transactions of greater than two data phases are determined by the selection in bits
9–8 (MR_ENHANCE field) of the PCI miscellaneous configuration register (refer to Section 7.23 for details). For read
transactions of one or two data phases, a memory read command is used.
Table 3–1. PCI Bus Master Command Support
PCI
COMMAND
C/BE3–C/BE0
OHCI MASTER FUNCTION
Memory read
0110
DMA read from memory
Memory write
0111
DMA write to memory
Memory read multiple
1100
DMA read from memory
Memory read line
1110
DMA read from memory
Memory write and invalidate
1111
DMA write to memory
3.5.2
PCI Bus Lock (LOCK)
The bus-locking protocol defined in the PCI Local Bus Specification is not highly recommended, but is provided on
the PCI7510 device as an additional compatibility feature. The PCI LOCK signal can be routed to the MFUNC4
terminal by setting the appropriate values in bits 19–16 of the multifunction routing status register. See Section 4.36,
Multifunction Routing Status Register, for details. Note that the use of LOCK is only supported by PCI-to-CardBus
bridges in the downstream direction (away from the processor).
PCI LOCK indicates an atomic operation that may require multiple transactions to complete. When LOCK is asserted,
nonexclusive transactions can proceed to an address that is not currently locked. A grant to start a transaction on
the PCI bus does not guarantee control of LOCK; control of LOCK is obtained under its own protocol. It is possible
for different initiators to use the PCI bus while a single master retains ownership of LOCK. Note that the CardBus
signal for this protocol is CBLOCK to avoid confusion with the bus clock.
An agent may need to do an exclusive operation because a critical access to memory might be broken into several
transactions, but the master wants exclusive rights to a region of memory. The granularity of the lock is defined by
PCI to be 16 bytes, aligned. The LOCK protocol defined by the PCI Local Bus Specification allows a resource lock
without interfering with nonexclusive real-time data transfer, such as video.
The PCI bus arbiter may be designed to support only complete bus locks using the LOCK protocol. In this scenario,
the arbiter does not grant the bus to any other agent (other than the LOCK master) while LOCK is asserted. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com