Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 20Page - Texas Instruments PCI7510 Datasheet HTML 21Page - Texas Instruments PCI7510 Datasheet HTML 22Page - Texas Instruments PCI7510 Datasheet HTML 23Page - Texas Instruments PCI7510 Datasheet HTML 24Page - Texas Instruments PCI7510 Datasheet HTML 25Page - Texas Instruments PCI7510 Datasheet HTML 26Page - Texas Instruments PCI7510 Datasheet HTML 27Page - Texas Instruments PCI7510 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 234 page
background image
2–5
Table 2–2. Signal Names by GHK Terminal Number
TERM
SIGNAL NAME
TERM
SIGNAL NAME
TERM
SIGNAL NAME
TERM.
NO.
CardBus PC
Card
16-Bit
PC Card
TERM.
NO.
CardBus
PC Card
16-Bit
PC Card
TERM.
NO.
CardBus
PC Card
16-Bit
PC Card
A04
VD3/VPPD0
VD3/VPPD0
E07
SC_GPIO2
SC_GPIO2
H06
MFUNC6
MFUNC6
A05
VCC
VCC
E08
CAD31
D10
H14
CAD11
OE
A06
SC_DATA
SC_DATA
E09
CAD28
D8
H15
CAD12
A11
A07
GND
GND
E10
CSERR
WAIT
H17
CAD10
CE2
A08
VCC
VCC
E11
CAD25
A1
H18
CAD9
A10
A09
CSTSCHG
BVD1(STSCHG/RI)
E12
CAD21
A5
H19
VCC
VCC
A10
GND
GND
E13
CAD18
A7
J01
GNT
GNT
A11
VCCCB
VCCCB
E14
CTRDY
A22
J02
REQ
REQ
A12
CAD23
A3
E17
CSTOP
A20
J03
RI_OUT/PME
RI_OUT/PME
A13
VCC
VCC
E18
CBLOCK
A19
J05
AD31
AD31
A14
CAD19
A25
E19
VCC
VCC
J06
AD30
AD30
A15
GND
GND
F01
MFUNC5
MFUNC5
J14
CAD8
D15
A16
CDEVSEL
A21
F02
MFUNC3
MFUNC3
J15
CC/BE0
CE1
B05
VD0/VCCD1
VD0/VCCD1
F03
MFUNC2
MFUNC2
J17
CAD7
D7
B06
SC_GPIO3
SC_GPIO3
F05
MFUNC0
MFUNC0
J18
CRSVD
D14
B07
SC_CD
SC_CD
F06
CLK_48
CLK_48
J19
CAD5
D6
B08
CAD29
D1
F07
SC_CLK
SC_CLK
K01
GND
GND
B09
CCLKRUN
WP(IOIS16)
F08
CRSVD
D2
K02
AD29
AD29
B10
CVS1
VS1
F09
CAD27
D0
K03
AD28
AD28
B11
CC/BE3
REG
F10
CAUDIO
BVD2(SPKR)
K05
AD27
AD27
B12
CREQ
INPACK
F11
CAD26
A0
K06
AD26
AD26
B13
CRST
RESET
F12
CVS2
VS2
K14
CAD6
D13
B14
CAD17
A24
F13
CIRDY
A15
K15
CAD3
D5
B15
CFRAME
A23
F14
CPAR
A13
K17
CAD4
D12
C05
VD2/VPPD1
VD2/VPPD1
F15
CPERR
A14
K18
CAD1
D4
C06
SC_GPIO4
SC_GPIO4
F17
CRSVD
A18
K19
GND
GND
C07
SC_RST
SC_RST
F18
CAD16
A17
L01
VCCP
VCCP
C08
CAD30
D9
F19
CAD14
A9
L02
AD25
AD25
C09
CCD2
CD2
G01
VCC
VCC
L03
AD24
AD24
C10
CINT
READY(IREQ)
G02
VR_PORT
VR_PORT
L05
IDSEL
IDSEL
C11
CAD24
A2
G03
SUSPEND
SUSPEND
L06
C/BE3
C/BE3
C12
CAD22
A4
G05
MFUNC4
MFUNC4
L14
CAD2
D11
C13
CAD20
A6
G06
MFUNC1
MFUNC1
L15
CAD0
D3
C14
CC/BE2
A12
G14
VCCCB
VCCCB
L17
CCD1
CD1
C15
CCLK
A16
G15
CC/BE1
A8
L18
VR_PORT
VR_PORT
D01
SDA
SDA
G17
CAD15
IOWR
L19
VCC
VCC
D19
CGNT
WE
G18
CAD13
IORD
M01
VCC
VCC
E01
GND
GND
G19
GND
GND
M02
AD23
AD23
E02
SPKROUT
SPKROUT
H01
PCLK
PCLK
M03
AD22
AD22
E03
SCL
SCL
H02
GRST
GRST
M05
AD20
AD20
E05
NC
NC
H03
PRST
PRST
M06
AD21
AD21
E06
VD1/VCCD0
VD1/VCCD0
H05
VR_EN
VR_EN
M14
RSVD
RSVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com