Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 30 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 26Page - Texas Instruments PCI7510 Datasheet HTML 27Page - Texas Instruments PCI7510 Datasheet HTML 28Page - Texas Instruments PCI7510 Datasheet HTML 29Page - Texas Instruments PCI7510 Datasheet HTML 30Page - Texas Instruments PCI7510 Datasheet HTML 31Page - Texas Instruments PCI7510 Datasheet HTML 32Page - Texas Instruments PCI7510 Datasheet HTML 33Page - Texas Instruments PCI7510 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 234 page
background image
2–11
The terminals are grouped in tables by functionality, such as PCI system function, power-supply function, etc. The
terminal numbers are also listed for convenient reference.
Table 2–5. Power Supply Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
I/O
DESCRIPTION
GND
6, 24, 39, 62,
114, 128, 143,
162, 180, 195
E01, K01, N01,
W06, P19, K19,
G19, A15, A10,
A07
–
Device ground terminal
VCC
14, 34, 47, 70,
123, 138, 151,
170, 190, 203
G01, M01, R01,
W08, L19, H19,
E19, A13, A08,
A05
–
Power supply terminal for I/O and internal voltage regulator
VCCCB
146, 175
G14, A11
–
Clamp voltage for PC CardBus interface. Matches card B signaling environment,
5 V or 3.3 V
VCCP
29, 58
L01, W05
–
Clamp voltage for PCI and miscellaneous I/O, 5 V or 3.3 V
VR_EN
15
H05
I
Internal voltage regulator enable. Active low
VR_PORT
13, 124
G02, L18
I/O
1.8 V output from voltage regulator
Table 2–6. PC Card Power Switch Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
I/O
DESCRIPTION
VD1/VCCD0
VD0/VCCD1
VD3/VPPD0
VD2/VPPD1
206
205
208
207
E06
B05
A04
C05
O
Logic controls to the TPS2211A or TPS2221 PC Card power interface
Table 2–7. PCI System Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
I/O
DESCRIPTION
GRST
17
H02
I
Global reset. When the global reset is asserted, the GRST signal causes the PCI7510 device to place all
output buffers in a high-impedance state and reset all internal registers. When GRST is asserted, the device
is completely in its default state. GRST must be connected to POWER_OK.
PCLK
18
H01
I
PCI bus clock. PCLK provides timing for all transactions on the PCI bus. All PCI signals are sampled at the
rising edge of PCLK.
PRST
16
H03
I
PCI bus reset. When the PCI bus reset is asserted, PRST causes the PCI7510 device to place all output
buffers in a high-impedance state and reset internal registers. When PRST is asserted, the device is
completely nonfunctional. After PRST is deasserted, the PCI7510 device is in a default state.
When SUSPEND and PRST are asserted, the device is protected from PRST clearing the internal registers.
All outputs are placed in a high-impedance state, but the contents of the registers are preserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com