Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 19 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 15Page - Texas Instruments PCI7510 Datasheet HTML 16Page - Texas Instruments PCI7510 Datasheet HTML 17Page - Texas Instruments PCI7510 Datasheet HTML 18Page - Texas Instruments PCI7510 Datasheet HTML 19Page - Texas Instruments PCI7510 Datasheet HTML 20Page - Texas Instruments PCI7510 Datasheet HTML 21Page - Texas Instruments PCI7510 Datasheet HTML 22Page - Texas Instruments PCI7510 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 234 page
background image
1–5
1.5
Terms and Definitions
Terms and definitions used in this document are given in Table 1–1.
Table 1–1. Terms and Definitions
TERM
DEFINITIONS
CIS
Card information structure. Tuple list defined by the PC Card standard to communicate card information to the host
computer
CSR
Control and status register
Function 3 firmware loader
A hardware element of the PCI7510 that provides a software interface to the TI firmware loader driver to load the
program RAM with firmware
ISO/IEC 7816
The Smart Card standard
OHCI
Open host controller interface
PCMCIA
Personal Computer Memory Card International Association. Standards body that governs the PC Card standards
RSVD
Reserved for future use
Smart Card
The name applied to ID cards containing integrated circuits, as defined by ISO/IEC 7816-1
TI firmware loader driver
A qualified software component provided by Texas Instruments that loads the firmware into the PCI7510 on power
up and initialization.
TI Smart Card driver
A qualified software component provided by Texas Instruments that loads when a Smart Card adapter is inserted
into a PC Card slot. This driver is logically attached to a CIS provided by the PCI7510 when the adapter and media
are both inserted.
UART
Universal asynchronous receiver and transmitter
1.6
Ordering Information
ORDERING NUMBER
NAME
VOLTAGE
PACKAGE
PCI7510
PC Card, Smart Card, and Integrated 1394a-2000 OHCI
Two-Port PHY/Link-Layer Controller
3.3-V, 5-V tolerant I/Os
208-terminal LQFP (PDV)
†
209-ball PBGA (GHK)
† Available in March 2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com