Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 87 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 87 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 83Page - Texas Instruments PCI7510 Datasheet HTML 84Page - Texas Instruments PCI7510 Datasheet HTML 85Page - Texas Instruments PCI7510 Datasheet HTML 86Page - Texas Instruments PCI7510 Datasheet HTML 87Page - Texas Instruments PCI7510 Datasheet HTML 88Page - Texas Instruments PCI7510 Datasheet HTML 89Page - Texas Instruments PCI7510 Datasheet HTML 90Page - Texas Instruments PCI7510 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 234 page
background image
4–14
4.25 Interrupt Pin Register
The value read from this register is function dependent. The default value for function 0 is 01h (INTA), and the default
value for function 1 is 02h (INTB), and the default value for function 2 is 03h (INTC). The value also depends on the
values of bits 28, the tie-all bit (TIEALL), and 29, the interrupt tie bit (INTRTIE), in the system control register (PCI
offset 80h, see Section 4.30). The INTRTIE bit is compatible with previous TI CardBus controllers, and when set to
1, ties INTB to INTA internally. The TIEALL bit ties INTA, INTB, and INTC together internally. The internal interrupt
connections set by INTRTIE and TIEALL are communicated to host software through this standard register interface.
This read-only register is described for all PCI7510 functions in Table 4–6.
PCI function 0
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin – PCI function 0
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
1
PCI function 1
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin – PCI function 1
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
1
0
PCI function 2
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin – PCI function 2
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
1
1
Register:
Interrupt pin
Offset:
3Dh
Type:
Read-only
Default:
01h (function 0), 02h (function 1), 03h (function 2)
Table 4–6. Interrupt Pin Register Cross Reference
INTRTIE BIT
(BIT 29, OFFSET 80h)
TIEALL BIT
(BIT 28, OFFSET 80h)
INTPIN
FUNCTION 0
(CARDBUS)
INTPIN
FUNCTION 1
(DEDICATED SOCKET)
INTPIN
FUNCTION 2
(1394 OHCI)
0
0
01h (INTA)
02h (INTB)
03h (INTC)
1
0
01h (INTA)
01h (INTA)
03h (INTC)
X
1
01h (INTA)
01h (INTA)
01h (INTA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com