Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 77 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 77 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 73Page - Texas Instruments PCI7510 Datasheet HTML 74Page - Texas Instruments PCI7510 Datasheet HTML 75Page - Texas Instruments PCI7510 Datasheet HTML 76Page - Texas Instruments PCI7510 Datasheet HTML 77Page - Texas Instruments PCI7510 Datasheet HTML 78Page - Texas Instruments PCI7510 Datasheet HTML 79Page - Texas Instruments PCI7510 Datasheet HTML 80Page - Texas Instruments PCI7510 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 234 page
background image
4–4
4.5
Command Register
The PCI command register provides control over the PCI7510 interface to the PCI bus. All bit functions adhere to the
definitions in the PCI Local Bus Specification (see Table 4–3). None of the bit functions in this register are shared
among the PCI7510 PCI functions. Three command registers exist in the PCI7510 device, one for each function.
Software manipulates the PCI7510 functions as separate entities when enabling functionality through the command
register. The SERR_EN and PERR_EN enable bits in this register are internally wired OR between the three
functions, and these control bits appear to software to be separate for each function.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Command
Type
R
R
R
R
R
RW
R
RW
R
RW
RW
R
R
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Command
Offset:
04h
Type:
Read-only, Read/Write
Default:
0000h
Table 4–3. Command Register Description
BIT
SIGNAL
TYPE
FUNCTION
15–11
RSVD
R
Reserved. Bits 15–11 return 0s when read.
10
INT_DISABLE
RW
INTx disable. When set to 1, this bit disables the function from asserting interrupts on the INTx signals.
0 = INTx assertion is enabled (default)
1 = INTx assertion is disabled
This bit is disabled (read-only 0) if bit 7 (PCI2_3_EN) in the general control register (PCI offset 86h, see
Section 4.31) is 0.
9
FBB_EN
R
Fast back-to-back enable. The PCI7510 device does not generate fast back-to-back transactions;
therefore, this bit is read-only. This bit returns a 0 when read.
8
SERR_EN
RW
System error (SERR) enable. This bit controls the enable for the SERR driver on the PCI interface. SERR
can be asserted after detecting an address parity error on the PCI bus. Both this bit and bit 6 must be set
for the PCI7510 device to report address parity errors.
0 = Disables the SERR output driver (default)
1 = Enables the SERR output driver
7
RSVD
R
Reserved. Bit 7 returns 0 when read.
6
PERR_EN
RW
Parity error response enable. This bit controls the PCI7510 response to parity errors through the PERR
signal. Data parity errors are indicated by asserting PERR, while address parity errors are indicated by
asserting SERR.
0 = PCI7510 device ignores detected parity errors (default).
1 = PCI7510 device responds to detected parity errors.
5
VGA_EN
RW
VGA palette snoop. When set to 1, palette snooping is enabled (i.e., the PCI7510 device does not respond
to palette register writes and snoops the data). When the bit is 0, the PCI7510 device treats all palette
accesses like all other accesses.
4
MWI_EN
R
Memory write-and-invalidate enable. This bit controls whether a PCI initiator device can generate memory
write-and-invalidate commands. The PCI7510 controller does not support memory write-and-invalidate
commands, it uses memory write commands instead; therefore, this bit is hardwired to 0. This bit returns
0 when read. Writes to this bit have no effect.
3
SPECIAL
R
Special cycles. This bit controls whether or not a PCI device ignores PCI special cycles. The PCI7510
device does not respond to special cycle operations; therefore, this bit is hardwired to 0. This bit returns
0 when read. Writes to this bit have no effect.
2
MAST_EN
RW
Bus master control. This bit controls whether or not the PCI7510 device can act as a PCI bus initiator
(master). The PCI7510 device can take control of the PCI bus only when this bit is set.
0 = Disables the PCI7510 ability to generate PCI bus accesses (default)
1 = Enables the PCI7510 ability to generate PCI bus accesses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com