Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 104 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 104 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 100Page - Texas Instruments PCI7510 Datasheet HTML 101Page - Texas Instruments PCI7510 Datasheet HTML 102Page - Texas Instruments PCI7510 Datasheet HTML 103Page - Texas Instruments PCI7510 Datasheet HTML 104Page - Texas Instruments PCI7510 Datasheet HTML 105Page - Texas Instruments PCI7510 Datasheet HTML 106Page - Texas Instruments PCI7510 Datasheet HTML 107Page - Texas Instruments PCI7510 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 234 page
background image
4–31
4.43 Power Management Capabilities Register
The power management capabilities register contains information on the capabilities of the PC Card function related
to power management. Both PCI7510 CardBus bridge functions support D0, D1, D2, and D3 power states. Default
register value is FE12h for operation in accordance with PCI Bus Power Management Interface Specification revision
1.1. See Table 4–19 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Power management capabilities
Type
RW
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
1
1
1
1
1
1
1
0
0
0
0
1
0
0
1
0
Register:
Power management capabilities
Offset:
A2h (Functions 0, 1)
Type:
Read-only, Read/Write
Default:
FE12h
Table 4–19. Power Management Capabilities Register Description
BIT
SIGNAL
TYPE
FUNCTION
This 5-bit field indicates the power states from which the PCI7510 device functions can assert PME. A 0
for any bit indicates that the function cannot assert the PME signal while in that power state. These 5 bits
return 11111b when read. Each of these bits is described below:
15 ‡
PME support
RW
Bit 15 – defaults to a 1 indicating the PME signal can be asserted from the D3cold state. This bit is read/write
because wake-up support from D3cold is contingent on the system providing an auxiliary power source
to the VCC terminals. If the system designer chooses not to provide an auxiliary power source to the VCC
terminals for D3cold wake-up support, then BIOS must write a 0 to this bit.
14–11
R
Bit 14 – contains the value 1 to indicate that the PME signal can be asserted from the D3hot state.
Bit 13 – contains the value 1 to indicate that the PME signal can be asserted from the D2 state.
Bit 12 – contains the value 1 to indicate that the PME signal can be asserted from the D1 state.
Bit 11 – contains the value 1 to indicate that the PME signal can be asserted from the D0 state.
10
D2_Support
R
This bit returns a 1 when read, indicating that the function supports the D2 device power state.
9
D1_Support
R
This bit returns a 1 when read, indicating that the function supports the D1 device power state.
8–6
RSVD
R
Reserved. These bits return 000b when read.
5
DSI
R
Device-specific initialization. This bit returns 0 when read.
4
AUX_PWR
R
Auxiliary power source. This bit is meaningful only if bit 15 (D3cold supporting PME) is set. When this bit
is set, it indicates that support for PME in D3cold requires auxiliary power supplied by the system by way
of a proprietary delivery vehicle.
A 0 (zero) in this bit field indicates that the function supplies its own auxiliary power source.
If the function does not support PME while in the D3cold state (bit 15=0), then this field must always return
0.
3
PMECLK
R
When this bit is 1, it indicates that the function relies on the presence of the PCI clock for PME operation.
When this bit is 0, it indicates that no PCI clock is required for the function to generate PME.
Functions that do not support PME generation in any state must return 0 for this field.
2–0
Version
R
These 3 bits return 010b when read, indicating that there are 4 bytes of general-purpose power
management (PM) registers as described in draft revision 1.1 of the PCI Bus Power Management Interface
Specification.
‡ One or more bits in this register are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com