Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 56 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 56 Page - ams AG

Back Button AS3900 Datasheet HTML 51Page - ams AG AS3900 Datasheet HTML 52Page - ams AG AS3900 Datasheet HTML 53Page - ams AG AS3900 Datasheet HTML 54Page - ams AG AS3900 Datasheet HTML 55Page - ams AG AS3900 Datasheet HTML 56Page - ams AG AS3900 Datasheet HTML 57Page - ams AG AS3900 Datasheet HTML 58Page - ams AG AS3900 Datasheet HTML 59Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 56 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
56 - 59
AS3900
Data Sheet - Application Information
9.2 Crystal Oscillators
Two external crystal oscillators are needed for the application, which need two external loading capacitors (C1-C4). The loading capacitor values
depend on the total load capacitance CL, specified for each crystal. The total load capacitance that is seen between the crystal terminals should
be equal to the specified CL, so that the crystal oscillates at the specified frequency. The crystal oscillators need to fulfill the accuracy
specification of ±120ppm. A small SMD crystal is used in the demo board.
Table 41. Recommended Crystal Oscillators
Crystal
Part Number
Frequency
Accuracy
Load capacitance Dimensions (L/W/T)
Manufacturer
9.3 Power Supply
Due to fast switching of internal blocks of the AS3900, the power supply pins need to be buffered by decoupling capacitors. These capacitors
guarantee a low impedance supply line over a wide frequency range. Fast transient currents are supplied by these decoupling capacitors and
avoid voltage spikes on the supply. A parallel circuit of 1µF, 100nF, 100pF capacitors is recommended on all supply pins (VDDRF, VDD,
VDD_OTP). Small-sized X5R or X7R ceramic capacitors are recommended.
Note: VDD_OTP is only needed in fuse mode, and requires 3.6V for burning the internal fuses. Otherwise VDD_OTP need not be connected.
9.4 Antenna
As at 27MHz the wavelength is several meters it would be very challenging to implement an electromagnetic antenna with acceptable
performances (2m communication range) and small dimensions (some cm), therefore the loop antenna based on magnetic coupling would be
preferred.
This design consists of the design of the following antennas:
PCB (1 or 2 layers) loop antenna: Dimensions: half credit card. Expected range >2m
Ferrite core antenna: Samples from different coil manufacturer are already available. Expected range >1m
Capacitive coupling antenna: The resonator consists of SMD discrete components, but PCB patches are used for capacitive coupling with
metal or human body. Expected range is some cm but becomes very big as long as the body or metal is in the proximity of the patches
Pseudo SMD electric antenna: A λ/4 antenna is wound to a coil but acts totally electric.
9.5 Tuning Circuit
Each antenna needs to be tuned for the 27.12MHz ISM band. Usually a parallel resonance circuit is applied. The inductance of the loop antenna
is brought into resonance by C10. R1 defines the quality factor Q. C9 and C11 are decoupling capacitors that are mandatory because in receive
mode the PA is shorted to GND.
For C9, C10 and C11 small-sized ceramic capacitors are recommended. COG ceramic capacitors are recommended as they retain capacitance
over wide range of voltage and temperature.
More information regarding the antenna design its tuning circuits are available in the antenna application note. The AS3900 demo board features
a PCB loop antenna with a parallel resonance tuning circuit.
The AS3900 requires following external components.
Y1
CC7V-TA1
32.768kHz
±20ppm
9pF
1.5x3.2x0.9mm
Micro Crystal
Y2
FA-128R
27.12MHz
±15ppm
8pF
2.0x1.6x0.5mm
Epson Toyocom
Table 42. External Components
Num
Component
Value
Description
Note
1
C1, C2
12pF
COG, 50V, 0603, Ceramic capacitor ±5%
Loading Capacitor for 32.768kHz Crystal
C1,C 2max = 36pF
2
C3, C4
12pF
COG, 50V, 0603, Ceramic capacitor ±5%
Loading Capacitor for 27.12MHz Crystal
C3, C4max = 36pF
3
C5, C7,C12
100nF
X7R, 25V, 0603, Ceramic capacitor ±10%
Supply Voltage de-coupling capacitor
4
C6, C8, C13
100pF
X7R, 25V, 0603, Ceramic capacitor ±10%
Supply Voltage de-coupling capacitor
5
C12
10µF
X5R, 16V, 0805, Capacitor ±10%
OTP Fuse Mode only
6
C9, C11
10pF to 47pF
COG, 50V, 0603, Ceramic capacitor ±5%
PA decoupling capacitor; antenna dependant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com