Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 38 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 38 Page - ams AG

Back Button AS3900 Datasheet HTML 34Page - ams AG AS3900 Datasheet HTML 35Page - ams AG AS3900 Datasheet HTML 36Page - ams AG AS3900 Datasheet HTML 37Page - ams AG AS3900 Datasheet HTML 38Page - ams AG AS3900 Datasheet HTML 39Page - ams AG AS3900 Datasheet HTML 40Page - ams AG AS3900 Datasheet HTML 41Page - ams AG AS3900 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
38 - 59
AS3900
Data Sheet - Detail ed Description
0x07
lowbatsel_
tx
lowbatval_tx
reserved
0x08 - 0x0A
id0<23:0>
0x0B - 0x0D
id1<23:0>
0x0E - 0x10
id2<23:0>
0x11 - 0x13
id3<23:0>
0x14 - 0x16
id4<23:0>
0x17 - 0x19
id5<23:0>
0x1A - 0x1C
id6<23:0>
0x1D - 0x1F
id7<23:16>
0x20
reserved
rssi_on
reserved
0x21
reserved
bat<1:0>
singl
half
fzero
0x22
reserved
0x23
tx_en
Lbat_ok
reserved
rssi<3:0>
0x24 - 0x26
reserved
0x27
active<7:0>
0x28
irq<7:0>
0x29
reserved
0x2A
scan_end
dat_rtx
wake_call
stream_end
wrong_id
wrong_crc
timer_irq
reserved
0x2B
txend
txstart
rxend
rxstart
nar_rtx
nak_rtx
acp_rtx
ack_rtx
0x2C
msk_scan_en
d
msk_dat_rtx msk_wake_call msk_stream_e
nd
msk_wrong_id msk_wrong_
crc
msk_timer_ir
q
msk_timer_s
tpd
0x2D
msk_txend
msk_txstart
msk_rxend
msk_rxstart
msk_nar_rtx msk_nak_rtx msk_acp_rtx msk_ack_rtx
0x2E
reserved
0x2F - 0x32
dabuf<31:0>
0x33
acp2
sid2<2:0>
iit
sid<2:0>
0x34 - 0x36
idnew<23:0>
0x37
user_status2
user_status1
user_status0
dlen<4:0>
0x38 - 0x51
dbuf<207:0>
Table 36. Main Register Bank (ADDRESS 0x00 bit<0>=0)
Register
Address
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com