Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 40 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 40 Page - ams AG

Back Button AS3900 Datasheet HTML 36Page - ams AG AS3900 Datasheet HTML 37Page - ams AG AS3900 Datasheet HTML 38Page - ams AG AS3900 Datasheet HTML 39Page - ams AG AS3900 Datasheet HTML 40Page - ams AG AS3900 Datasheet HTML 41Page - ams AG AS3900 Datasheet HTML 42Page - ams AG AS3900 Datasheet HTML 43Page - ams AG AS3900 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
40 - 59
AS3900
Data Sheet - Detail ed Description
8.9.3.1 Main Register Bank (ADDRESS 0x00 bit<0>=0)
Table 38. Main Register Bank (ADDRESS 0x00 bit<0>=0)
Address
Register Name
Bit
Type
Description
Control Register section
0x00
ma_sen
[7]
R/W
Master / Client selector
0Client
1Master
osc_32
[6]
Enable for 32kHz oscillator manually
0
Disabled
1
Enabled
timdis
[5]
Timer disable
0
Enabled
1
Disabled
unidir
[4]
Select unidirectional transceiver mode
0
Bidirectional
1
Unidirectional
stream
[3]
Stream mode control
0
Disabled
1
Enabled
wake_rx
[2]
Wakeup receiver enable
0
Disabled
1
Enabled
pwr
[1]
Power enable
0OFF
1ON
bank
[0]
Bank selection bit
0
Main Bank selected
1
Shadow Bank selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com