Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 6 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 6 Page - ams AG

Back Button AS3900 Datasheet HTML 2Page - ams AG AS3900 Datasheet HTML 3Page - ams AG AS3900 Datasheet HTML 4Page - ams AG AS3900 Datasheet HTML 5Page - ams AG AS3900 Datasheet HTML 6Page - ams AG AS3900 Datasheet HTML 7Page - ams AG AS3900 Datasheet HTML 8Page - ams AG AS3900 Datasheet HTML 9Page - ams AG AS3900 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
6 - 59
AS3900
Data Sheet - Pin Assignm ent
VSS_OTP
13
S
Negative OTP Supply Voltage. Ground reference for VDD_OTP. Decouple
point for buffer capacitors of VDD_OTP.
NC
14
Not connected. Leave the pin floating.
SDATAI
15
DI
Serial Digital Interface DATA input. Serial Data Input for writing registers. The
bits are clocked in on the falling edge of SCLK.
SCLK
16
DI
Serial Digital Interface Clock. A serial clock provides the SCLK for accessing
data from the AS3900. Write and read operation is provided by the SCLK.
SEN
17
DI
Serial Digital Interface Enable. CMOS digital input. Falling edges on SEN
ends a read or write operation and frames the serial data transfer.
SDATAO
18
DO
Serial Digital Interface DATA output. Serial Data Output for reading registers.
The bits are clocked out on the rising edge of SCLK and can be read from the
microcontroller on the falling edge of SCLK.
MCU_CLK
19
DO
Microcontroller Clock Output. Programmable Clock for microcontroller that is
derived from the 27MHz crystal oscillator. System frequency for microcontroller
can be adjusted between 188kHz and 3.39MHz.
IRQ
20
DO
Interrupt Output. Digital CMOS Output for external interrupt input at
microcontroller. If an interrupt condition is met a HIGH level is applied on the
IRQ pin. The IRQ level is set to low level after the internal interrupt registers are
read manually. An interrupt can be triggered on the rising edge of the IRQ pin.
NC
21
Not connected. Leave the pin floating.
X27_OUT
22
AO
27MHz oscillator output. Analog output for 27.12MHz crystal oscillator.
X27_IN
23
AI
27MHz oscillator input. Analog input for 27.12MHz crystal oscillator
VDD
24
S
Positive Digital Supply Voltage. 2.2V to 3.6V. Decoupling capacitors (1µF,
100nF and 100pF) are recommended.
GND
25
Negative Digital Supply Voltage. Ground reference point for VDD. Decouple
point for capacitors.
X32_OUT
26
AO
32kHz oscillator output. Analog output for 32.768kHz crystal oscillator.
X32_IN
27
AI
32kHz oscillator input. Analog input for 32.768kHz crystal oscillator
VDDRF
28
S
Positive RF Supply Voltage. 2.2V to 3.6V. Decoupling capacitors (1µF, 100nF
and 100pF) are recommended.
Table 1. QFN 28 pin Package
Pin Name
Pin Number
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com