Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 7 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 7 Page - ams AG

Back Button AS3900 Datasheet HTML 3Page - ams AG AS3900 Datasheet HTML 4Page - ams AG AS3900 Datasheet HTML 5Page - ams AG AS3900 Datasheet HTML 6Page - ams AG AS3900 Datasheet HTML 7Page - ams AG AS3900 Datasheet HTML 8Page - ams AG AS3900 Datasheet HTML 9Page - ams AG AS3900 Datasheet HTML 10Page - ams AG AS3900 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
7 - 59
AS3900
Data Sheet -
Absolute Maxim u m Rat i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated in the Detailed Description are not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Unit
Note
DC supply voltage (VDD)-0.5
5.0
V
Input pin voltage(VIN)-0.5
5.0
V
Input current (latchup immunity) (Iscr)
-100
100
mA
Norm: Jedec 78
ESD for digital pins (ESDD)
±2
kV
Norm: MIL 883 E method 3015 (Human Body Model)
ESD for analog pins (ESDA)
±2.0
kV
Norm: MIL 883 E method 3015 (Human Body Model)
ESD for RF pins (ESDRF)
±1.5
kV
Norm: MIL 883 E method 3015 (Human Body Model)
Total power dissipation (Pt)
(all supplies and outputs)
30
mW
TX: 8mA*3.6V=29mW
Storage temperature (Tstrg)
-55
125
ºC
Package body temperature (Tbody)
260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/JEDEC
J-STD-020C “Moisture/Reflow Sensitivity Classification
for Non-Hermetic Solid State Surface Mount Devices”.
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).
Humidity non-condensing
5
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com