Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 30 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 30 Page - ams AG

Back Button AS3900 Datasheet HTML 26Page - ams AG AS3900 Datasheet HTML 27Page - ams AG AS3900 Datasheet HTML 28Page - ams AG AS3900 Datasheet HTML 29Page - ams AG AS3900 Datasheet HTML 30Page - ams AG AS3900 Datasheet HTML 31Page - ams AG AS3900 Datasheet HTML 32Page - ams AG AS3900 Datasheet HTML 33Page - ams AG AS3900 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
30 - 59
AS3900
Data Sheet - Detail ed Description
8.7 Transmission Modes
After the successful Pairing procedure, the ID-table of the Master REG 0x08 to 0x1F is filled with valid addresses of different Clients in the
surrounding field. All participants of the network are determined after the pairing procedure.
The transmission is usually accomplished time division multiplexed (timer controlled) via the packet mode. Packets can be send bidirectional
from the 8 possible Clients to the Master. The AS3900 is also able to provide a not timer controlled bidirectional fast package mode, a timer
controlled one way package mode and a not timer controlled one way streaming mode. The following table gives an overview about the provided
transmission modes of the AS3900:
Table 26. Transmission Modes
Transmission
Modes
Direction
Method
Description
Table 27. Selection Transmission Modes
Register
Address
7
6
5
4
3
2
1
0
The different transmission modes can be set by an appropriate configuration in REG 0x00:
The following chapter describes the bidirectional packet mode that is timer controlled. All other transmission modes listed above are described in
an appropriate application note.
Packet mode
Bidirectional
Timer controlled
Eight possible Clients start to transmit a packet synchronously to the applied
timing information. The Master has stored the timing information for each
Client that wakes up the FSK receiver from Sleep mode at certain point of
times. This mode is very efficient and power saving. Incoming packages are
checked for a valid ID and the data is loaded into the data registers. The
communication is terminated by a handshake. The Master can add to each
acknowledgement 4 bytes of data for the Client (ACP).
Packet mode
One way
Timer controlled
Only one Client starts to transmit a packet that contains the ID and the timing
information (cycle time, random pointer).The Master opens the receive
window according to the stored timing system and compares the IDs. A
synchronization of the timers is performed and the incoming data is loaded
into the data registers which can be read out by the MCU.
Fast packet mode
Bidirectional
Not Timer
controlled
Only one Client starts to transmit a packet asynchronously. The Master is in
permanent receive mode and waits for incoming packages. After comparison
of the ID with the ID-table the incoming data is loaded into the data registers.
The communication is usually terminated by an acknowledgement (ACK). The
Master can add to each acknowledgement 4 bytes of data for the Client
(ACP).
Streaming mode
One way
Not Timer
controlled
Only one Client is allowed for this operation, which ID is stored in the Masters
ID-table. The Client starts to transmit the maximum number of data packets
(26 bytes) asynchronously. The Master is in continuous receive mode, ready
to receive all packets.
0x00
ma_sen
osc32f
timdis
unidir
stream
wake_rx
pwr
bank
Bidirectional Packet Mode
x
x
0
0
0
x
1
x
One Way Packet Mode
x
x
0
1
0
x
1
x
Fast Packet Mode
x
x
1
0
0
x
1
x
Streaming Mode
x
x
1
1
1
x
1
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com