Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 58 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 58 Page - ams AG

Back Button AS3900 Datasheet HTML 51Page - ams AG AS3900 Datasheet HTML 52Page - ams AG AS3900 Datasheet HTML 53Page - ams AG AS3900 Datasheet HTML 54Page - ams AG AS3900 Datasheet HTML 55Page - ams AG AS3900 Datasheet HTML 56Page - ams AG AS3900 Datasheet HTML 57Page - ams AG AS3900 Datasheet HTML 58Page - ams AG AS3900 Datasheet HTML 59Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 58 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
58 - 59
AS3900
Data Sheet - Pac k age Drawings and Markings
10 Package Drawings and Markings
The product is available in a QFN 28 pin package.
Figure 28. AS3900 Package Diagram
Note: All dimensions are in Millimeters and angles in Degrees
Dimensioning and Toleranceing confirm to ASME Y14.5M-1994
Dimension b applies to metalized terminal and is measured between 0.25mm and 0.30mm from terminal tip. Dimension L1 represents
terminal full back from package edge to 0.1mm is acceptable.
Table 43. Dimensions
Symbol
Min
Typ
Max
Symbol
Min
Typ
Max
A
0.80
1.00
e
0.50 BSC
A1
0.203 REF
L
0.50
0.60
0.75
b
0.18
0.23
0.30
L1
0.10
D
5.00 BSC
P
45º BSC
E
5.00 BSC
aaa
0.15
D1
3.04
3.14
3.24
cccc
0.10
E1
3.04
3.14
3.24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com