Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 27 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 27 Page - ams AG

Back Button AS3900 Datasheet HTML 23Page - ams AG AS3900 Datasheet HTML 24Page - ams AG AS3900 Datasheet HTML 25Page - ams AG AS3900 Datasheet HTML 26Page - ams AG AS3900 Datasheet HTML 27Page - ams AG AS3900 Datasheet HTML 28Page - ams AG AS3900 Datasheet HTML 29Page - ams AG AS3900 Datasheet HTML 30Page - ams AG AS3900 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
27 - 59
AS3900
Data Sheet - Detail ed Description
The following chapter describes the permanent Pairing that is initiated by the Master. All other pairing procedures are described in an appropriate
application note.
Note: It i
s important that for the Pairing procedure all Timers need to be disabled. Set REG 0x02 to 0.
8.6.2 Master Initializes Pairing (wakeup) Procedure
Before any paring action could be started the MCU has to load the following configuration registers
Table 24. Configuration Registers
Client /
Master
Register Bits
Register
Register
Bank
Comments
.
The Pairing Master shows the pairing procedure that is initialized by the Master. The Sensors (=Clients) are set into receive mode. The Master
transmits a Wakeup Signal (OOK-Pattern) for one second. Afterwards the Sensors are activated and send after a random time a data frame with
5 bytes payload to tell the Master its ID. The random time is usually derived from the fixed programmed ID and calculated by the MCU of the
Sensor. The Master switches to receive mode after sending the Wakeup Signal, in order to listen for Sensor data. If data from a Client is
received, the ID is stored into the ID-Table (applied by the MCU of the Master). The Master sends a SYNC frame and waits for an
acknowledgement (ACKN). The Master RX stays on and waits for the next Sensor data. If all Sensors are permanently paired all nodes switch to
Standby Mode again.
The following sequence explains the operations that need to be done by the MCU at the Master and Client.
Master initiates permanent Pairing
Client is set to receive mode and listens during periodic time windows for a Wakeup Call form
the Master. The Master transmits the Wakeup Call in order to wakeup the Clients. After the
Wakeup and a random delay the Client starts the first transmission. The Master verifies the
received Client ID and compares it to the existing IDs in the ID-table. If the ID is new and the
CRC is correct, the ID is inserted. After a handshake with the Client (acknowledgement), both
nodes pass into Standby Mode again.
Temporary Pairing
An existing network data transmission is already established. A second Master wants to listen
to the data communication of a special Client. The second Master is set to receive mode and
listens for Clients that are transmitting data. New IDs are added to the ID-table and the timing
system is adopted (cycle time, bit rate …). The procedure is identical to “Master initiated
Pairing” except that no Wakeup call and no handshake are done.
Client
wakecyc
0x04<4:2>
Main
Wakeup detection interval time
wake_rx
0x00<2>
Main
Activates wakeup detection mode
Master
val_id
0x08… 0x1F
Main
List of allowed devices IDs to connect (or written via SDI after MCU
decision)
waketm
0x04<1:0>
Main
Wakeup call duration
Client
cyctim0
0x0C<7:5>
Shadow
Cycletime, period between two TX operations is only defined by the Client.
To be synchronized to the Master this information is included in the data
frame.
rndpt0
0x0C<4:0>
Shadow
Random pointer of part of the period between two TX operations. Is only
defined by the Client. To be synchronized to the Master this information is
included in the data frame.
TX_data
0x08… 0x1F
Main
Data in TX register will be appended to the ID and cycle time information.
Client payload data can be any information
Master/Client
bitrate
0x06<1:0>
Main
Defines data rate for the communication, need to be the same for Master
and Client
Table 23. Pairing Procedure
Pairing Procedures
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com