Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 37 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 37 Page - ams AG

Back Button AS3900 Datasheet HTML 33Page - ams AG AS3900 Datasheet HTML 34Page - ams AG AS3900 Datasheet HTML 35Page - ams AG AS3900 Datasheet HTML 36Page - ams AG AS3900 Datasheet HTML 37Page - ams AG AS3900 Datasheet HTML 38Page - ams AG AS3900 Datasheet HTML 39Page - ams AG AS3900 Datasheet HTML 40Page - ams AG AS3900 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
37 - 59
AS3900
Data Sheet - Detail ed Description
8.8.3 Frame structure for ACKNOWLEDGE with appended data (ACP)
This mode is used to send 4 bytes data (REG 0x2F, 0x30, 0x31, 0x32) from the Master to the Client. The transmission only takes place if the
data in these data registers is nonzero. The received data is stored in the same Client registers REG 0x2F, 0x30, 0x31, 0x32 and could be read
by the MCU.
After data was received successfully (correct ID and no CRC error) by the Master ACP will be send else NAK or NAP are send.
Table 33. Frame Structure
Preamble
ACP
data
CRC
8.8.4 Frame Structure for NOT-ACKNOWLEDGE (NAK)
After any data error at reception time window (incorrect ID and / or CRC error) NAK will be send.
Communication error counter will be increased. Communication will be terminated after communication error counter limit cesmax in REG
0x02<2:0> will be exceeded. The cesmax at the Master is the limit for all available Clients. The actual communication error count of each Client
is stored in SREG 0x14 to 0x17. If different communication error limits are requested for the different Clients, it is possible to offset the cesX
value for the separate Clients in SREG 0x14 to 0x17.
Table 34. Frame Structure
Preamble
NAK
8.8.5 Frame Structure for NOT-ACKNOWLEDGE and Data Retransmit (NAR)
After a CRC data error at reception time window (correct ID and CRC error) NAR will be send.
NAR error counter in REG 0x03<1:0> will be increased. After NAR error counter exceeds the maximum, NAK will be send and the
Communication counter is increased. After the client receives NAR, immediately the data is retransmitted and the client NAR error counter will be
increased.
Table 35. Frame Structure
Preamble
NAR
8.9 Configuration Registers
All configuration registers are readable and writable. The registers are arranged as addressable bytes. The configuration register settings do not
alter during Power down mode as long as the minimum supply voltage requirements are met. The bank bit at ADDRESS 0x00 bit<0> defines the
Main (bit value = 0) or the Shadow (bit value = 1) Register Bank.
8.9.1 Main Register Bank (ADDRESS 0x00 bit<0>=0)
16 bits
8bits
32 bits (REG 0x2F, 0x30, 0x31, 0x32)
16 bits
16 bits
8bits
16 bits
8bits
Table 36. Main Register Bank (ADDRESS 0x00 bit<0>=0)
Register
Address
7
6
5
4
3
2
1
0
0x00
ma_sen
osc32f
timdis
unidir
stream
wake_rx
pwr
bank
0x01
entm<7:0>
0x02
pretm<2:0>
reserved
cesmax<2:0>
0x03
reserved
longscan
reserved
osc27f
reserved
narmax<1:0>
0x04
fuseen
reserved
longwake_
tx
wakecyc<2:0>
waketm<1:0>
0x05
mcs<1:0>
reserved
mcdr<3>
0x06
reserved
dev<2>
bitrate<1:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com