Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 51 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 51 Page - ams AG

Back Button AS3900 Datasheet HTML 47Page - ams AG AS3900 Datasheet HTML 48Page - ams AG AS3900 Datasheet HTML 49Page - ams AG AS3900 Datasheet HTML 50Page - ams AG AS3900 Datasheet HTML 51Page - ams AG AS3900 Datasheet HTML 52Page - ams AG AS3900 Datasheet HTML 53Page - ams AG AS3900 Datasheet HTML 54Page - ams AG AS3900 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
51 - 59
AS3900
Data Sheet - Detail ed Description
8.10 Feature Description
This chapter describes how to apply certain features of the device.
8.10.1 One Time Programmable Memory (OTP)
The OTP is 4 times a 8bit (32bits) poly fuse based PROM. This is an austriamicrosystems IP-block called PPROM. It is described in a separate
documents P2PROM_rev1.322 and PPROM_appl_note_C.
The ID data has to be written into the Shadow Register Bank REG 0x08, 0x09, 0x0A.
8.10.1.1 Write to the OTP register
To enable the Write mode the device must be turned on with the command POWER_ON. Set the fuseen bit in REG 0x04<7> and switch to the
SHADOW register with the command SHADOW_BANK. The data (e.g. ID) that should be programmed must be written via SDI into the Shadow
Register Bank register dprom in REG 0x08 to 0x0A. These are already the physical PPROM registers, which are ready to be programmed.
8.10.1.2 Programming of the OTP
To enable the programming, the bit bank, REG 0x00<0>, bit fuseen, REG 0x04<7>, bit pwr, REG 0x00<1> and the bit osc27f, REG 0x03<4>
have to be set to 1. With the command PROM_FUSE pulse, the programming of the OTP is executed. After 2 ms the automatic fusing will be
ended. To verify the correct programming reset the chip by disconnecting the power supply of the AS3900. After powering the chip again, the
values read from the ID0 register must be the same as the programmed ones.
8.10.1.3 Read the Fuses
To enable the Read mode the bit bank, REG 0x00<0>, bit pwr, REG 0x00<1> and the bit osc27f, REG 0x03<4> must be set to 1. With the
command PROM_LOAD pulse the values of the fuses are loaded to the register dprom, REG 0x08 to 0x0A after 0.8ms. After reading the same
values are loaded to the ID0 register.
8.10.1.4 Read the Fuses and Load to ID0 Register
To enable this mode the bit bank, REG 0x00<0> must set 1. With the command PROM_COPY pulse the values of the fuses are loaded to the
register dprom, REG 0x08 to 0x0A and the values from the registers dprom are copied to the Main Register Bank register ID0, REG 0x08 to
0x0A.
The same procedure is performed with the POR Signal automatically.
0x15
reserved
[7]
R/W
Error Table
for Master
reserved
ces3<2:0>
[6:4]
Actual Communication Error count of 4
th
client
reserved
[3]
reserved
ces2<2:0>
[2:0]
Actual Communication Error count of 3
rd
client
0x16
reserved
[7]
R/W
Error Table
for Master
reserved
ces5<2:0>
[6:4]
Actual Communication Error count of 6
th
client
reserved
[3]
reserved
ces4<2:0>
[2:0]
Actual Communication Error count of 5
th
client
0x17
reserved
[7]
R/W
Error Table
for Master
reserved
ces7<2:0>
[6:4]
Actual Communication Error count of 8
th
client
reserved
[3]
reserved
ces6<2:0>
[2:0]
Actual Communication Error count of 7
th
client
0x18 - 0x1D
reserved
[7:0]
reserved
Table 39. Shadow Register Bank (ADDRESS 0x00 bit<0>=1)
Register
Name
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com