Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 55 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 55 Page - ams AG

Back Button AS3900 Datasheet HTML 51Page - ams AG AS3900 Datasheet HTML 52Page - ams AG AS3900 Datasheet HTML 53Page - ams AG AS3900 Datasheet HTML 54Page - ams AG AS3900 Datasheet HTML 55Page - ams AG AS3900 Datasheet HTML 56Page - ams AG AS3900 Datasheet HTML 57Page - ams AG AS3900 Datasheet HTML 58Page - ams AG AS3900 Datasheet HTML 59Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
55 - 59
AS3900
Data Sheet - Application Information
9 Application Information
The AS3900 is capable to operate with a few external components. The typical application circuit is shown in Figure 27. The system consists of
the AS3900 Block, the MCU and an antenna.
Figure 27. AS3900 Application diagram
9.1 Microcontroller
The integrated link manager takes over a huge workload for the RF communication. The microcontroller takes over the high level communication
like the control of the RF link. The SDI interface of the AS3900 allows connection of a standard 3-wire SPI interface. Only the SEN line needs to
be handled manually by a GPIO. The levels of the I/O lines of the MCU must match with the supply voltage range of the AS3900. Otherwise the
internal overvoltage protection circuit could get activated. As system frequency the MCU_CLK can be used, that reduces the BOM of the MCU.
An external interrupt input at the MCU is necessary in order to control the link manager.
1
2
3
4
5
6
7
21
20
19
18
16
15
17
GND
RF1_OUT
RF2_OUT
GND
RF1_IN
RF2_IN
GND
SDATAI
SCLK
SEN
SDATAO
MCU_CLK
IRQ
NC
AS3900
R1
C10
C11
C9
C12
100n
C13
100p
100p
100n
C8
C7
100n
100p
C6
C5
VDD=3V
VDD=3V
27.125MHz
Y2
C3
12pF
C4
12pF
C1
12pF
C2
12pF
Y1
32.768kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com