Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 50 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 50 Page - ams AG

Back Button AS3900 Datasheet HTML 46Page - ams AG AS3900 Datasheet HTML 47Page - ams AG AS3900 Datasheet HTML 48Page - ams AG AS3900 Datasheet HTML 49Page - ams AG AS3900 Datasheet HTML 50Page - ams AG AS3900 Datasheet HTML 51Page - ams AG AS3900 Datasheet HTML 52Page - ams AG AS3900 Datasheet HTML 53Page - ams AG AS3900 Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
50 - 59
AS3900
Data Sheet - Detail ed Description
0x0C
cyctim0<2:0>
[7:5]
R/W
Cycle time can be set in Client mode,
Cycle time for 1st Client for the Master
000
every 1/16 sec (62.5 ms)
001
every 1/8 sec (125 ms)
010
every 1/4 sec (250 ms)
011
every 1/2 sec(500 ms)
100
every 1 sec(1000 ms)
101
every 2 sec(2000 ms)
110
every 4 sec(4000 ms)
111
every 8 sec(8000 ms)
rndpt0<4:0>
[4:0]
Random number pointer for 1
st
client
0x0D
cyctim1<2:0>
[7:5]
R
Timing
table for
Master
Cycle time for 2
nd
Client for the Master
rndpt1<4:0>
[4:0]
Random number pointer for 2
nd
client
0x0E
cyctim2<2:0>
[7:5]
Cycle time for 3
rd
Client for the Master
rndpt2<4:0>
[4:0]
Random number pointer for 3
rd
client
0x0F
cyctim3<2:0>
[7:5]
Cycle time for 4
th
Client for the Master
rndpt3<4:0>
[4:0]
Random number pointer for 4
th
client
0x10
cyctim4<2:0>
[7:5]
Cycle time for 5
th
Client for the Master
rndpt4<4:0>
[4:0]
Random number pointer for 5
th
client
0x11
cyctim5<2:0>
[7:5]
Cycle time for 6
th
Client for the Master
rndpt5<4:0>
[4:0]
Random number pointer for 6
th
client
0x12
cyctim6<2:0>
[7:5]
Cycle time for 7
th
Client for the Master
rndpt6<4:0>
[4:0]
Random number pointer for 7
th
client
0x13
cyctim7<2:0>
[7:5]
Cycle time for 8
th
Client for the Master
rndpt7<4:0>
[4:0]
Random number pointer for 8
th
client
0x14
reserved
[7]
R/W
Error Table
for Master
reserved
ces1<2:0>
[6:4]
Actual Communication Error count of 2
nd
client
000
Last packet received successfully
001
1 packet incorrectly received
...
...
111
7 packets incorrectly received
reserved
[3]
reserved
ces0<2:0>
[2:0]
Actual Communication Error count of 1
st
client
Table 39. Shadow Register Bank (ADDRESS 0x00 bit<0>=1)
Register
Name
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com