Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 43 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 43 Page - ams AG

Back Button AS3900 Datasheet HTML 39Page - ams AG AS3900 Datasheet HTML 40Page - ams AG AS3900 Datasheet HTML 41Page - ams AG AS3900 Datasheet HTML 42Page - ams AG AS3900 Datasheet HTML 43Page - ams AG AS3900 Datasheet HTML 44Page - ams AG AS3900 Datasheet HTML 45Page - ams AG AS3900 Datasheet HTML 46Page - ams AG AS3900 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
43 - 59
AS3900
Data Sheet - Detail ed Description
0x05
mcs<1:0>
[7:6]
R/W
Micro controller clock setting at pin MCU_CLK
00
OFF
01
32768 Hz
10
27MHz divided by mcdr<3:0> settings at active modes
11
27MHz divided by mcdr<3:0> settings at active modes, 32768
Hz between active modes
reserved
[5:4]
reserved
mcdr
[3:0]
Divider setting Micro controller clock at pin MCU_CLK (clock duty cycle 50%)
Clock source is the 27MHz crystal
0000
8 (8)
0001
12 (3*4)
0010
12 (3*4)
0011
18 (3*3*2)
0100
16 (16)
0101
24 (3*8)
0110
24 (3*8)
0111
36 (3*3*4)
1000
32 (32)
1001
48 (3*16)
1010
48 (3*16)
1011
72(3*3*8)
1100
64 (64)
1101
96 (3*32)
1110
96 (3*32)
1111
144 (3*3*16)
0x06
reserved
[7:3]
R/W
reserved
dev<2>
[2]
Select deviation frequency (setting for the nominal crystal frequency of
27.12MHz) for Master and Client
0
Deviation = ± 106 kHz
1
Deviation = ± 53 kHz
bitrate<1:0>
[1:0]
Transmission bitrate (setting for the nominal crystal frequency of 27.12MHz)
for Master and Client
00
26.5 kbit per sec
01
53 kbit per sec
10
106 kbit per sec
11
212 kbit per sec
Table 38. Main Register Bank (ADDRESS 0x00 bit<0>=0)
Address
Register Name
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com