Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 10 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 10 Page - ams AG

Back Button AS3900 Datasheet HTML 6Page - ams AG AS3900 Datasheet HTML 7Page - ams AG AS3900 Datasheet HTML 8Page - ams AG AS3900 Datasheet HTML 9Page - ams AG AS3900 Datasheet HTML 10Page - ams AG AS3900 Datasheet HTML 11Page - ams AG AS3900 Datasheet HTML 12Page - ams AG AS3900 Datasheet HTML 13Page - ams AG AS3900 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
10 - 59
AS3900
Data Sheet - Electrical Characteristics
6.1.4
Table 7. Receiver RX
Symbol
Parameter
Condition
Min
Typ
Max
Units
Receiver RX
Sensitivity
PER (Packet Error Rate) = 1%
TFS = 32 bytes
@ 26.5kbps Datarate
f_dev = 106kHz
420
Ω seen by LNA input
90
dBm
20.5
µVrms
@ 53kbps Datarate
f_dev = 106kHz
420
Ω seen by LNA input
88
dBm
25.8
µVrms
@ 106kbps Datarate
f_dev = 106kHz
420
Ω seen by LNA input
88
dBm
25.8
µVrms
@ 212kbps Datarate
f_dev = 106kHz
420
Ω seen by LNA input
79
dBm
72.7
µVrms
Blocking
C = Sensitivity + 3dB
B[dB] = C[dBm] - I[dBm]
DR = 53kbps,
f_dev = 106kHz
0 MHz
Unmodulated interferer
-25
dB
0 MHz
Modulated interferer
16
dB
± 1MHz
Unmodulated interferer
-26
dB
± 1MHz
Modulated interferer
-21
dB
DR = 106kbps,
f_dev = 106kHz
0 MHz
Unmodulated interferer
-25
dB
0 MHz
Modulated interferer
16
dB
± 1MHz
Unmodulated interferer
-24
dB
± 1MHz
Modulated interferer
-22
dB
DR = 212kbps,
f_dev = 106kHz
0 MHz
Unmodulated interferer
-25
dB
0 MHz
Modulated interferer
25
dB
± 1MHz
Unmodulated interferer
-15
dB
± 1MHz
Modulated interferer
-15
dB
Maximum input signal
100
mVrms
IP3
Measured at the balun input with two
carriers of -82dBm
-69
dBm
RSSI
4 Bit linear, read from register
RSSI start
10
µVrms
RSSI stop
150
µVrms
RSSI resolution
10
µVrms
current consumption
3.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com