Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 41 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 41 Page - ams AG

Back Button AS3900 Datasheet HTML 37Page - ams AG AS3900 Datasheet HTML 38Page - ams AG AS3900 Datasheet HTML 39Page - ams AG AS3900 Datasheet HTML 40Page - ams AG AS3900 Datasheet HTML 41Page - ams AG AS3900 Datasheet HTML 42Page - ams AG AS3900 Datasheet HTML 43Page - ams AG AS3900 Datasheet HTML 44Page - ams AG AS3900 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
41 - 59
AS3900
Data Sheet - Detail ed Description
0x01
entm
[7:0]
R/W
Timer enable bits for Master and Client
In Master mode: 8 Client timers
00000001
Enable Timer for Client 0
00000010
Enable Timer for Client 1
00000100
Enable Timer for Client 2
00001000
Enable Timer for Client 3
00010000
Enable Timer for Client 4
00100000
Enable Timer for Client 5
01000000
Enable Timer for Client 6
10000000
Enable Timer for Client 7
11111111
Enable all Timers
In Client mode: 1st timer is Client timer
00000000
Disabled
00000001
Enabled
0x02
pretm<2:0>
[7:5]
R/W
NAR operation mode; guard times for master timer
reserved
[4:3]
reserved
cesmax<2:0>
[2:0]
Limit for communication error counter for Master and Client
000
Errors ignored
001
1 error allowed
...
...
111
7 errors allowed
0x03
reserved
[7]
R/W
reserved
longscan
[6]
Enables the permanent pairing / binding mode. The scanning for transmitting
Clients is started as long as longscan is set. A transition from 1 to 0 stops
binding also when time of binding is shorter than 1 sec
0
Disabled, pairing / binding duration is 1 sec
1
Enabled; pairing / binding mode as long as bit is 1
reserved
[5]
reserved
osc27f
[4]
Enable for 27MHz oscillator manually, only needed for FUSE mode
reserved
[3:2]
reserved
narmax
[1:0]
Maximum limit of transmission repeats in NAR mode for Master
00
No retransmit
01
1 retransmit
10
2 retransmit
11
3 retransmit
Table 38. Main Register Bank (ADDRESS 0x00 bit<0>=0)
Address
Register Name
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com