Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 1 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 1 Page - ams AG

  AS3900 Datasheet HTML 1Page - ams AG AS3900 Datasheet HTML 2Page - ams AG AS3900 Datasheet HTML 3Page - ams AG AS3900 Datasheet HTML 4Page - ams AG AS3900 Datasheet HTML 5Page - ams AG AS3900 Datasheet HTML 6Page - ams AG AS3900 Datasheet HTML 7Page - ams AG AS3900 Datasheet HTML 8Page - ams AG AS3900 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
AS3900
27MHz Low Power Star Network Transceiver
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
1 - 59
Data Sheet
1 General Description
The AS3900 is a low power FSK transceiver ideal for battery-
operated short range devices (SRD) applications in which a limited
amount of data (data rate up to 210 kbit/s) need to be transferred.
The device can be configured as transceiver, transmitter only or
receiver only system and operates in one channel in the worldwide
ISM band at 27 MHz.
The frequency of the external oscillator determines the operating
frequency. Use of 27 MHz is in particular advantageous for
communication in close proximity of the human body due to the low
absorption of the signal by tissue because of the low specific
absorption rate at 27 MHz. The device incorporates a serial digital
interface (SDI), which enables bidirectional communication with
external system components.
The integrated real-time-clock, sophisticated wake-up functionality,
and link manager enable current efficient control of all
communication events and eliminate the need for an expensive
microcontroller.
The AS3900 supports data transfer in burst mode (bidirectional,
controlled by link manager), semi-continuous (bidirectional,
controlled by microcontroller) and continuous mode (unidirectional,
controlled by microcontroller) and requires only a small number of
external components.
2 Key Features
FSK transceiver
Operating frequency 27.12 MHz (ISM - band)
Integrated real-time-clock (RTC) based on 32.768kHz XTAL
FM deviation selectable (±106 kHz, ±53 kHz)
Data transfer in burst mode and (semi-)continuous mode
Data rate adjustable to 26.5, 53, 106, 212 kbit/s
Low average current consumption in Tx and Rx mode
Output power adjustable to 0, +5, +10 dBm
Integrated OOK based wake-up system
Link manager for control of star network with up to 8 clients
Bidirectional serial digital interface (SDI)
Main Characteristics
Operating temperature range -40ºC to +85ºC
Operating supply voltage 2.2V to 3.6V (Functional down to
2.0V)
Rx current consumption 3.8 mA (typ.)
Tx current consumption 4.9 mA@0dBm, 7.6 mA @10dBm
Maximum output power 10 dBm (delivered to matching network
and antenna)
Receiver sensitivity –88 dBm @ 106 kbit/s
Polling mode average current consumption typ. 2.5µA
Power down current consumption max. 700nA
Typ. communication range using small antenna 1.2m@0dBm,
2.5m@10dBm
QFN 28 pin (5x5) package
Additional Features
Reliable pairing and synchronization of master and clients
Automatic 16 bit CRC computation in burst mode
Auto-acknowledgement and re-transmit
Programmable timers to assign variable communication cycle
times
Reliable system start due to internal POR
Programmable microcontroller clock frequency
Separate interrupt request line
Battery level detector
Digital RSSI value accessible in register
User programmable Identification with OTP memory (24 bits)
3 Applications
The AS3900 is ideal for reliable low-power short-range data
exchange, data transfer among devices in close proximity of human
body (Body Area Networks), simple control networks (home,
industry), and interactive remote controls. A typical application can
be designed in combination with a microcontroller, an antenna and a
few additional passive components.


Similar Part No. - AS3900

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3901 AMSCO-AS3901 Datasheet
618Kb / 18P
ISM 433/315 MHz FSK/ASK Transmitter
AS3902 AMSCO-AS3902 Datasheet
348Kb / 14P
ISM 433 MHz ASK Transmitter
logo
TE Connectivity Ltd
AS39029/29-214 TEC-AS39029/29-214 Datasheet
295Kb / 4P
HIGH-POWER CONTACTS
AS39029/29-215 TEC-AS39029/29-215 Datasheet
295Kb / 4P
HIGH-POWER CONTACTS
AS39029/29-216 TEC-AS39029/29-216 Datasheet
295Kb / 4P
HIGH-POWER CONTACTS
More results

Similar Description - AS3900

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5352 PMC-PM5352 Datasheet
699Kb / 77P
SATURN USER NETWORK INTERFACE 155 (STAR)
logo
Sanyo Semicon Device
2SC2314 SANYO-2SC2314 Datasheet
85Kb / 3P
27MHz CB Transceiver Driver Applications?
2SC4272 SANYO-2SC4272 Datasheet
85Kb / 3P
27MHz CB Transceiver Driver Applications
2SC4735 SANYO-2SC4735 Datasheet
91Kb / 3P
27MHz CB Transceiver Driver Applications
logo
PhaseLink Corporation
PLL500-27 PLL-PLL500-27 Datasheet
99Kb / 5P
Low Power CMOS Output VCXO Family (27MHz to 200MHz)
PLL500-27B PLL-PLL500-27B Datasheet
208Kb / 5P
Low Power CMOS Output VCXO Family (27MHz to 200MHz)
logo
Sanyo Semicon Device
LC7120 SANYO-LC7120 Datasheet
130Kb / 3P
CMOS LSI 27MHz CB TRANSCEIVER PLL FREQUENCY SYNTHESIZER
logo
Tiger Electronic Co.,Lt...
2SC2078 TGS-2SC2078 Datasheet
63Kb / 1P
27MHz RF Power Amplifier Applications
logo
Sanyo Semicon Device
2SC2314 SANYO-2SC2314_19 Datasheet
98Kb / 4P
27MHz CB Transceiver Driver Applications
2SC2078 SANYO-2SC2078_04 Datasheet
78Kb / 3P
27MHz RF Power Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com