Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 26 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 26 Page - ams AG

Back Button AS3900 Datasheet HTML 22Page - ams AG AS3900 Datasheet HTML 23Page - ams AG AS3900 Datasheet HTML 24Page - ams AG AS3900 Datasheet HTML 25Page - ams AG AS3900 Datasheet HTML 26Page - ams AG AS3900 Datasheet HTML 27Page - ams AG AS3900 Datasheet HTML 28Page - ams AG AS3900 Datasheet HTML 29Page - ams AG AS3900 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
26 - 59
AS3900
Data Sheet - Detail ed Description
8.6 Pairing
8.6.1 Procedure
Pairing is a procedure where the Clients send their device IDs to the Master. The pairing procedure need to be started by the MCU. Common
data-rate, frequency deviation and communication mode must be configured in the MAIN Register of all devices which have to be paired. After
successful pairing, the device identification number is stored to the first free ID-table position at the Master and the pairing bit at the Client needs
to be set.
The Pairing procedure is usually done permanently and initialized by the Master. The AS3900 is also able to provide the Pairing initialized by the
Client and can also be just temporarily. The following table gives an overview about the provided Pairing features of the AS3900:
3
If the wakeup receiver of the client detects a wakeup Signal (OOK
pattern) the wakeup detection stays active as long as the OOK
pattern is received. The wakeup detection mode is left after the OOK
pattern goes low or the wakeup activity lasts for more than 3 wake
cycle periods (happens if longwake_tx bit on master side is set). If the
activity was terminated due to the reason that the wakeup signal is
not received longer, the wake_call interrupt is set. The MCU on Client
side has to calculate a random delay (less than 1sec).
4
When the wakeup call is finished the Master switches
automatically the FSK receiver on for 1sec (the 1sec could be
bypassed from the MCU by forcing the longscan bit REG
0x03<6> to HIGH). During this listening time, the Clients
transmit randomly their first data. (if any of the Clients were
already connected before, the timer based communication is
suspended)
5
After the delay time expires, the Client MCU loads data to dbuf
register REG 0x38-0x51, data length to the dlen register REG
0x37<4:0> and starts the first transmission via the command
TRANSMIT.
6
The received packets from different Clients contain a
Preamble, the ID, Timing information (Cycle time and random
pointer), data length, and data and CRC information. The
exchange of the actual time code is terminated by an
automatic acknowledgement (ACK).
Table 23. Pairing Procedure
Pairing Procedures
Description
Client initiates permanent Pairing
Master is set to receive mode and listens during periodic time windows for a Wakeup Call from
the Client. The Clients sends the Wakeup Call in order to wakeup the Master and transmits the
first data packet. The Master wakes up and receive the first data packet that ID is checked. If
the ID is not already in the ID-Table of the Master and the CRC is correct, the new ID will be
inserted. After a handshake with the Client (acknowledgement), both nodes pass into Standby
Mode again.
Table 22. Wakeup Procedure Initialized by the Master
Step
Master
Client



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com