Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 20 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 20 Page - ams AG

Back Button AS3900 Datasheet HTML 16Page - ams AG AS3900 Datasheet HTML 17Page - ams AG AS3900 Datasheet HTML 18Page - ams AG AS3900 Datasheet HTML 19Page - ams AG AS3900 Datasheet HTML 20Page - ams AG AS3900 Datasheet HTML 21Page - ams AG AS3900 Datasheet HTML 22Page - ams AG AS3900 Datasheet HTML 23Page - ams AG AS3900 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
20 - 59
AS3900
Data Sheet - Detail ed Description
8.4.3 Reading of Data from Addressable Registers (READ Mode)
DATAI is sampled at the falling edge of SCLK, consequently, data to be read from the microcontroller are driven by the AS3900 (SDI slave) at the
transfer edge and sampled by the microcontroller (SDI master) at the sampling edge of SCLK.
An Enable LOW pulse has to be performed after register data has been transferred in order to indicate the end of the READ command and
prepare the Interface to the next command control Byte.
The command control Byte for a read command consists of a command code and an address. After the command code, the address of register
to be read has to be provided from the MSB to the LSB. Then one or more data bytes can be transferred from the SDI slave to the master,
always from the MSB to the LSB. To transfer bytes from consecutive addresses, SDI master has to keep the SDI enable signal high and the SDI
clock has to be active as long as data need to be read from the slave.
Each bit of the command and address sections of the frame have to be driven by the SDI master on the SDI clock transfer edge and the SDI
slave samples it on the next SDI clock edge. Each bit of the data section of the frame has to be driven by the SDI slave on the SDI clock transfer
edge and the SDI master on the next SDI clock edge samples it. If the read access is interrupted (by de-asserting the SDI enable signal), data
provided to the master is consistent to given address, but it is only the register content from MSB to LSB. If more SDI clock cycles are provided,
the data remains consistent and each data byte belongs to the given or incremented address.
In the following figures two examples for a read command (without and with address self-increment) are given.
Figure 16. Reading of a Single Register Byte
Due to the limited range of the Register Address of 6 bits (A5 to A0) for reading a single Byte, only the register 0x00 to 0x3F are directly
addressable. All other registers (0x3F to 0x51 in the MAIN register) can only be accessed via the auto-incrementing Read cycle. The auto-
incrementing Read cycle can be applied by remaining SEN to HIGH and providing further clock cycles on SCLK (falling edges).
Figure 17. Reading of Register Data with Auto-incrementing Address





!
"

 ##
#
$
%
&
'
$
%
(
)

*



+

 ##
&#

 ##

+
SE N
SC L K
SD AT AO
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
X
X
D a ta is m o v e d
from A ddres s
<A 5 -A 0 > + n
S E N fa llin g
edge signals
end of R E A D
M ode
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
1
D
0
D a ta is m o v e d
from A ddres s
<A 5 -A 0 > + (n -1 )
D a ta is m o v e d
from A ddres s
<A 5 -A 0 > + 1
D a ta is m o v e d
from A ddress
<A 5 -A 0 >
SD AT A I
01
A
5
A
4
A
3
A
2
A
1
A
0
X
01 patte rn indic a te s
R E A D M ode w ith
S tart A ddress
A < 5:0>
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com