Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 25 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 25 Page - ams AG

Back Button AS3900 Datasheet HTML 21Page - ams AG AS3900 Datasheet HTML 22Page - ams AG AS3900 Datasheet HTML 23Page - ams AG AS3900 Datasheet HTML 24Page - ams AG AS3900 Datasheet HTML 25Page - ams AG AS3900 Datasheet HTML 26Page - ams AG AS3900 Datasheet HTML 27Page - ams AG AS3900 Datasheet HTML 28Page - ams AG AS3900 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
25 - 59
AS3900
Data Sheet - Detail ed Description
8.5 Wakeup Procedure
In general the Wakeup is introduced in order to handle two different challenges:
Wakeup Clients that are in Standby Mode. Clients in standby consume a small amount of power from the battery
Exchange actual time code (Cycle time, random pointer) and synchronize all Clients with the Master
The Client (Master) is set to Wakeup receive mode for short time with a long wakeup interval. Master (Client) transmits long enough wakeup
sequence to catch the receiving window of the Client (Master) or the Client is set to Wakeup receive mode for long time to catch the transmitted
Master Wakeup sequences. If the Client (Master) receives a Wakeup sequence the link manager triggers the wake_call interrupt.
The Link Manager needs to be instructed via the direct COMMANDS and via REGISTER settings. The MCU is informed of the current status via
INTERRUPTS, which need to be read out as soon as an external interrupt on the IRQ line appears.
8.5.1 Wakeup Receive Mode
The Wakeup Receive Window can be set to:
Sampling: The Wakeup Receive Window is turned on for a fixed time of 250µs and turned off again for the remaining cycle time. The cycle
time for the receive window can be set by the wakecyc bits in REG 0x04<2:4>. The ON interval itself is fixed to 250µs. The current con-
sumption is defined by the ON to OFF ratio of the Wakeup receiver.
8.5.2 Wakeup Transmit Mode
Transmitting a Wakeup Signal means that the PA applies an OOK Signal (On Off Keying), in order to wakeup the Master (Client). The OOK
pattern is a 27MHz signal that is ON OFF modulated with 96kHz. The following parameters for this OOK signal can be configured:
Wakeup Transmitter On time: The Wakeup call can be applied between 125ms up to 1s in REG 0x04<1:0>.
Longwake TX: The Wakeup call can be applied as long as the longwake_tx bit is set in REG 0x04<5>.
The Wakeup transmit mode shows a Wakeup procedure initialized by the Master. The Client samples for the Wakeup signal periodically. The
figure shows the Wakeup procedure.
Figure 20. Wakeup Transmit Mode
Table 22. Wakeup Procedure Initialized by the Master
Step
Master
Client
1
Client wakeup receiver listens during periodic time windows. This
action is started by MCU with the command WAKE_RX_ON. The
duration of wakeup listening is hardwired to 250µs and the wakeup
listening cycle-time is defined by the wakecyc bits, REG 0x04<4:2>.
2
The Master starts the wakeup call with the command
WAKE_TX The duration of the call is defined by the waketm
bits, REG 0x04<1:0> (for MCU defined wakeup call duration
the long wake_tx bit, REG 0x04<5> has to be used).
MASTER
CLIENT1
TX
RX
TX
RX
WAKEUP
RECEIVE
RECEIVE
250µs
wakecyc
wake_call
LISTEN
WAKE_RX_ON
WAKE_TX
TRANSMIT
waketm
Receive = 1s
longwake_tx set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com