Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 23 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 23 Page - ams AG

Back Button AS3900 Datasheet HTML 19Page - ams AG AS3900 Datasheet HTML 20Page - ams AG AS3900 Datasheet HTML 21Page - ams AG AS3900 Datasheet HTML 22Page - ams AG AS3900 Datasheet HTML 23Page - ams AG AS3900 Datasheet HTML 24Page - ams AG AS3900 Datasheet HTML 25Page - ams AG AS3900 Datasheet HTML 26Page - ams AG AS3900 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
23 - 59
AS3900
Data Sheet - Detail ed Description
Table 17. Table of Interrupts
MAIN
Reg.
Addr#
Interrupt
Int bits
Interrupt Description
name
bit
scan_end
[7]
One second scanning has been finished (if not enlarged with longscan bit)
dat_rtx
[6]
Indicates that data was received and is ready to be read
wake_call
[5]
For client to send transmit command
stream_end
[4]
In client mode it indicates new data should be written into send register.
In master mode it indicates end of transmission
wrong_id
[3]
Activated if ID is not in the ID list
wrong_crc
[2]
Activated if CRC error occurs
timer_irq
[1]
Always activated if one of the irq<7:0>, REG 0x28<7:0> is activated
Reserved
[0]
Reserved
txend
[7]
Activated after last bit of CRC is transmitted
txstart
[6]
Activated after last bit of PREAMBLE was transmitted
rxend
[5]
Activated after the whole data was received
rxstart
[4]
Activated after PREAMBLE was received
nar_rtx
[3]
Activated after NAR was received or transmitted
nak_rtx
[2]
Activated after NAK was received or transmitted
acp_rtx
[1]
Activated after ACP was received or transmitted
ack_rtx
[0]
Activated after ACK was received or transmitted
Table 18. Table of Interrupt Mask Registers
MAIN
Reg.
Addr#
Interrupt Mask
Mask bits
Interrupt Mask Description
name
bit
msk_scan_end
[7]
Mask interrupt: scan_end
msk_dat_rtx
[6]
Mask interrupt: dat_rtx
msk_wake_call
[5]
Mask interrupt: wake_call
msk_stream_end
[4]
Mask interrupt: stream_end
msk_wrong_id
[3]
Mask interrupt: wrong_id
msk_wrong_crc
[2]
Mask interrupt: wrong_crc
msk_timer_irq
[1]
Mask interrupt: timer_irq
Reserved
[0]
Reserved
msk_txend
[7]
Mask interrupt: txend
msk_txstart
[6]
Mask interrupt: txstart
msk_rxend
[5]
Mask interrupt: rxend
msk_rxstart
[4]
Mask interrupt: rxstart
msk_nar_rtx
[3]
Mask interrupt: nar_rtx
msk_nak_rtx
[2]
Mask interrupt: nak_rtx
msk_acp_rtx
[1]
Mask interrupt: acp_rtx
msk_ack_rtx
[0]
Mask interrupt: ack_rtx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com