Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 47 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 47 Page - ams AG

Back Button AS3900 Datasheet HTML 43Page - ams AG AS3900 Datasheet HTML 44Page - ams AG AS3900 Datasheet HTML 45Page - ams AG AS3900 Datasheet HTML 46Page - ams AG AS3900 Datasheet HTML 47Page - ams AG AS3900 Datasheet HTML 48Page - ams AG AS3900 Datasheet HTML 49Page - ams AG AS3900 Datasheet HTML 50Page - ams AG AS3900 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
47 - 59
AS3900
Data Sheet - Detail ed Description
0x28
irq
[7:0]
R
Timer sub-interrupt indicating timed interrupts for transceiver, or-ed to
interrupt bit1 in interrupt register 0x2A (cleared when read)
0x29
reserved
[7:0]
reserved
0x2A
scan_end
[7]
R
Interrupt: 1 second scanning has been finished, if not prolonged with
longscan bit
dat_rtx
[6]
Interrupt: indicates that data was received and is ready to be read
wake_call
[5]
Interrupt: Wakeup signal has been identified. For Client (Master) to send
transmit command
stream_end
[4]
Interrupt: in Client mode it indicates new data should be written into send
register, in Master mode it indicates end of transmission
wrong_id
[3]
Interrupt: activated if ID is not in the ID list
wrong_crc
[2]
Interrupt: activated if CRC error occurs
timer_irq
[1]
Interrupt: always activated if one of the irq<7:0>, REG 0x28<7:0> is activated
reserved
[0]
reserved
0x2B
txend
[7]
R
Interrupt: activated after last bit of CRC is transmitted
txstart
[6]
Interrupt: activated after last bit of PREAMBLE was transmitted
rxend
[5]
Interrupt: activated after the whole data was received
rxstart
[4]
Interrupt: activated after PREAMBLE was received
nar_rtx
[3]
Interrupt: activated after NAR was received or transmitted
nak_rtx
[2]
Interrupt: activated after NAK was received or transmitted
acp_rtx
[1]
Interrupt: activated after ACP was received or transmitted
ack_rtx
[0]
Interrupt: activated after ACK was received or transmitted
0x2C
msk_scan_end
[7]
R/W
Mask interrupt: scan_end
msk_dat_rtx
[6]
Mask interrupt: dat_rtx
msk_wake_call
[5]
Mask interrupt: wake_call
msk_stream_end
[4]
Mask interrupt: stream_end
msk_wrong_id
[3]
Mask interrupt: wrong_id
msk_wrong_crc
[2]
Mask interrupt: wrong_crc
msk_timer_irq
[1]
Mask interrupt: timer_irq
msk_timer_stpd
[0]
Mask interrupt: timer_stpd
0x2D
msk_txend
[7]
R/W
Mask interrupt: txend
msk_txstart
[6]
Mask interrupt: txstart
msk_rxend
[5]
Mask interrupt: rxend
msk_rxstart
[4]
Mask interrupt: rxstart
msk_nar_rtx
[3]
Mask interrupt: nar_rtx
msk_nak_rtx
[2]
Mask interrupt: nak_rtx
msk_acp_rtx
[1]
Mask interrupt: acp_rtx
msk_ack_rtx
[0]
Mask interrupt: ack_rtx
0x2E
reserved
[7:0]
reserved
Table 38. Main Register Bank (ADDRESS 0x00 bit<0>=0)
Address
Register Name
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com