Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 17 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 17 Page - ams AG

Back Button AS3900 Datasheet HTML 13Page - ams AG AS3900 Datasheet HTML 14Page - ams AG AS3900 Datasheet HTML 15Page - ams AG AS3900 Datasheet HTML 16Page - ams AG AS3900 Datasheet HTML 17Page - ams AG AS3900 Datasheet HTML 18Page - ams AG AS3900 Datasheet HTML 19Page - ams AG AS3900 Datasheet HTML 20Page - ams AG AS3900 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
17 - 59
AS3900
Data Sheet - Detail ed Description
8.2.6 Data Transmit/Receive
The transmission is usually operated timer controlled in data packet mode. Packets can be sent bidirectional from 8 possible Clients to the
Master. The Clients send their packets periodically selected by the cycle time. The AS3900 is also able to provide a not timer controlled
bidirectional fast package mode, a timer controlled one way package mode and a not timer controlled one way streaming mode. The device
features auto-acknowledgement as well as automatic retransmit of lost data.
The following different communication types are possible:
One-way or bidirectional data transmission
Timer controlled or not timer controlled transmission
8.3 Link Manager
8.3.1 Establishing Network
In order to build up a star network the connections between the Master and all available Clients must be established.
8.3.1.1 Permanent Pairing
The first arrangement of the star-network is associated with the keyword “Pairing”. Basically the ID of the available Clients are transmitted to the
Master, because first all Clients are unknown for the Master. This is accomplished by sending a Wakeup signal from the Master to the Clients, so
that all Clients exit from standby-mode. All Clients are woken up and answer after a random delay with the first data packet that includes the
unique identification number (ID). The Master receives the packets from the different Clients after random time delays (set by MCU). After MCU
verification the ID’s are stored in the Master’s ID registers.
After that the Clients are paired to the Master and switched to Power-down mode. See detailed description in 8.6 Pairing.
8.3.1.2 Wakeup and Data Transmit/Receive
For transmitting data it is necessary to follow the listed procedure. First all Clients have to be set to Standby mode (periodically listen for Wakeup
signal). Then the Master sends a “Wakeup” signal to exit all Clients from Standby mode. With this wakeup signal, all Clients are synchronized
and send the timing information to the Master. Once synchronized, the whole communication is controlled by the Link manager in Auto-
acknowledge mode. See detailed description in chapter 8.7 Transmission Modes.
The communication between the Master and up to eight Clients is timer controlled. Figure 8 shows the communication between 1 Master and 3
Clients. The cycle time is adjustable via the register map. The data rate and the frequency deviation must be the same for all members of the star
network.
Figure 12. Time Division Multiplexing Principle
MASTER
time
TX ON
RX ON
CLIENT1
time
CLIENT2
time
CLIENT3
time
CYCLE TIME CLIENT1
CYCLE TIME CLIENT2
CYCLE TIME CLIENT3
TX ON
RX ON
TX ON
RX ON
TX ON
RX ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com