Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 8 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 8 Page - ams AG

Back Button AS3900 Datasheet HTML 4Page - ams AG AS3900 Datasheet HTML 5Page - ams AG AS3900 Datasheet HTML 6Page - ams AG AS3900 Datasheet HTML 7Page - ams AG AS3900 Datasheet HTML 8Page - ams AG AS3900 Datasheet HTML 9Page - ams AG AS3900 Datasheet HTML 10Page - ams AG AS3900 Datasheet HTML 11Page - ams AG AS3900 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
8 - 59
AS3900
Data Sheet - Electrical Characteristics
6 Electrical Characteristics
VDDRF=VDD=VDD_OTP= 2.2V to 3.6V; TAMB= -45 to +85ºC; Typical values at VDD=3.0V and TAMB=25ºC; Unless otherwise specified
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
.
Operating Conditions
VDDRF
Positive analog supply voltage
Functional down to 2.0V
2.2
3.6
V
GND
Negative analog supply voltage
0
0
V
VDD
Positive digital supply voltage
Functional down to 2.0V
2.2
3.6
V
GND
Negative digital supply voltage
0
0
V
VDD_OTP
Positive OTP supply voltage
Buffer Capacitor connected here for
FUSE Mode. In Fuse Mode a minimum
supply voltage of 3.3V is needed.
Functional down to 2.0V
2.2
3.6
V
VSS_OTP
Negative OTP supply voltage
Buffer Capacitor connected here for
FUSE Mode
00
V
A - D
Difference of supplies
VDDRF – VDD
GNDRF – VSS
-0.1
0.1
V
fclk
System clock frequency
27.12
MHz
Current Consumption
IPD
POWER-DOWN mode
700
nA
ISB
STANDBY mode
Timers running
Wakeup Receiver listens every 1s
2.5
µA
ISL
SLEEP mode
Timers running
no data transmission
1.8
µA
IWRX
WAKEUP RX mode
2.5
mA
IWTX
WAKEUP TX mode, 10dBm
5.1
mA
IRX
RX mode
3.8
mA
ITX10
TX mode, 10dBm
7.6
mA
ITX5
TX mode, 5dBm
5.5
mA
ITX0
TX mode, 0dBm
4.9
mA
DC/AC Characteristics for Digital Inputs and Outputs
CMOS Input
VIH
High level input voltage
0.7 * VDD
V
VIL
Low level input voltage
0.3 *
DVDD
V
ILEAK
Input leakage current
1
µA
CMOS Output
VOH
High level output voltage
VDD - 0.5
V
VOL
Low level output voltage
GND +
0.4
V
CL
Capacitive load
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com