Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 57 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 57 Page - ams AG

Back Button AS3900 Datasheet HTML 51Page - ams AG AS3900 Datasheet HTML 52Page - ams AG AS3900 Datasheet HTML 53Page - ams AG AS3900 Datasheet HTML 54Page - ams AG AS3900 Datasheet HTML 55Page - ams AG AS3900 Datasheet HTML 56Page - ams AG AS3900 Datasheet HTML 57Page - ams AG AS3900 Datasheet HTML 58Page - ams AG AS3900 Datasheet HTML 59Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
57 - 59
AS3900
Data Sheet - Application Information
7C10
10pF to
470pF
COG, 50V, 0603, Ceramic capacitor ±5%
Resonance capacitor; antenna dependant
8R1
1k
Ω to ∞
0.01W, 0603, resistor
Resistor for quality factor; antenna dependant
9
Y1
32.768kHz
32.768kHz fundamental mode crystal ±120ppm
overall tolerance
Crystal Oscillator for internal timers
10
Y2
27.12MHz
27.12MHz fundamental mode crystal ±100ppm
overall tolerance
Crystal Oscillator for carrier frequency
Table 42. External Components
Num
Component
Value
Description
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com